Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

165453G Datasheet(PDF) 2 Page - Adels-Contact

Part # 165453G
Description  AC 166 GBUF/315 green ZEL white
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

165453G Datasheet(HTML) 2 Page - Adels-Contact

  165453G Datasheet HTML 1Page - Adels-Contact 165453G Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12/11/2019
Dismantling Length PE
39.0 mm
Dismantling Length
32.0 mm
Assembly Contact Screw
0.5x3.0 / 0.3 Nm
Assembly Strain Relief
PZ 1 / 0.5 Nm
Cable Diameter min.
7.5 mm
Cable Diameter max.
8.5 mm
Strain Relief
yes
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf
Approbation UL
160_163_AC164_AC166_20011003_20170727_UL_E220480_Sec.1-01_Description_web.pdf
Approbation CSA
AC_160-163-166_166G_20080321_CSA_1997949_Certificate_web.pdf
Accessories
AC 166 VSF white
169553
AC 166 VSF black
169563
AC 166 VSE white
169453
AC 166 VSE black
169463
AC 166 VSL white
169554
AC 166 VSL black
169564
AC 166 VSF white
169553
AC 166 VSF black
169563


Similar Part No. - 165453G

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
165453 ADELS-165453 Datasheet
124Kb / 3P
   AC 166 GBUF/315 white
12/11/2019
165453B ADELS-165453B Datasheet
124Kb / 2P
   AC 166 GBUF/315 brown ZEL white
12/11/2019
165453D ADELS-165453D Datasheet
123Kb / 2P
   AC 166 GBUF/315 dark grey ZEL white
12/11/2019
165453K ADELS-165453K Datasheet
123Kb / 2P
   AC 166 GBUF/315 pebble grey ZEL white
12/11/2019
165453P ADELS-165453P Datasheet
124Kb / 2P
   AC 166 GBUF/315 pastel blue ZEL white
12/11/2019
More results

Similar Description - 165453G

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
165453B ADELS-165453B Datasheet
124Kb / 2P
   AC 166 GBUF/315 brown ZEL white
12/11/2019
165453Y ADELS-165453Y Datasheet
123Kb / 2P
   AC 166 GBUF/315 yellow ZEL white
12/11/2019
165453R ADELS-165453R Datasheet
124Kb / 2P
   AC 166 GBUF/315 light red ZEL white
12/11/2019
165453X ADELS-165453X Datasheet
124Kb / 2P
   AC 166 GBUF/315 coral red ZEL white
12/11/2019
165453P ADELS-165453P Datasheet
124Kb / 2P
   AC 166 GBUF/315 pastel blue ZEL white
12/11/2019
165453D ADELS-165453D Datasheet
123Kb / 2P
   AC 166 GBUF/315 dark grey ZEL white
12/11/2019
165453K ADELS-165453K Datasheet
123Kb / 2P
   AC 166 GBUF/315 pebble grey ZEL white
12/11/2019
165463G ADELS-165463G Datasheet
126Kb / 2P
   AC 166 GBUF/315 green ZEL black
12/11/2019
165253G ADELS-165253G Datasheet
125Kb / 2P
   AC 166 GBUF/310 green ZEL white
12/11/2019
165653G ADELS-165653G Datasheet
126Kb / 3P
   AC 166 GBUF/325 green ZEL white
12/11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com