Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

165253G Datasheet(PDF) 2 Page - Adels-Contact

Part # 165253G
Description  AC 166 GBUF/310 green ZEL white
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

165253G Datasheet(HTML) 2 Page - Adels-Contact

  165253G Datasheet HTML 1Page - Adels-Contact 165253G Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12/11/2019
Dismantling Length PE
39.0 mm
Dismantling Length
32.0 mm
Assembly Contact Screw
0.5x3.0 / 0.3 Nm
Assembly Strain Relief
PZ 1 / 0.5 Nm
Cable Diameter min.
4.5 mm
Cable Diameter max.
5.5 mm
Strain Relief
yes
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf
Approbation UL
160_163_AC164_AC166_20011003_20170727_UL_E220480_Sec.1-01_Description_web.pdf
Approbation CSA
AC_160-163-166_166G_20080321_CSA_1997949_Certificate_web.pdf
Accessories
AC 166-1/ 4 ZEL F white
166154
AC 166-1/ 4 ZEL FH white
166154H
AC 166-1/ 4 ZEL FO white
166154O
AC 166-1/ 4 ZEL R white
166054
AC 166-1/ 4 ZEL RH white
166054H
AC 166-1/ 4 ZEL RO white
166054O
AC 166-1/ 4 ZEL F black
166164
AC 166-1/ 4 ZEL FH black
166164H
AC 166-1/ 4 ZEL FO black
166164O
AC 166-1/ 4 ZEL R black
166064
AC 166-1/ 4 ZEL RH black
166064H
AC 166-1/ 4 ZEL RO black
166064O
AC 166 VSF white
169553
AC 166 VSF black
169563
AC 166 VSE white
169453
AC 166 VSE black
169463
AC 166 VSL white
169554
AC 166 VSL black
169564
AC 166 VSF white
169553
AC 166 VSF black
169563
AC 166 GVT 3/ 4 black
167164
AC 166 GVT 3/ 4 white
167154


Similar Part No. - 165253G

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
165253 ADELS-165253 Datasheet
124Kb / 3P
   AC 166 GBUF/310 white
12/11/2019
165253B ADELS-165253B Datasheet
125Kb / 2P
   AC 166 GBUF/310 brown ZEL white
12/11/2019
165253D ADELS-165253D Datasheet
123Kb / 2P
   AC 166 GBUF/310 dark grey ZEL white
12/11/2019
165253K ADELS-165253K Datasheet
123Kb / 2P
   AC 166 GBUF/310 pebble grey ZEL white
12/11/2019
165253P ADELS-165253P Datasheet
124Kb / 2P
   AC 166 GBUF/310 pastel blue ZEL white
12/11/2019
More results

Similar Description - 165253G

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
165253B ADELS-165253B Datasheet
125Kb / 2P
   AC 166 GBUF/310 brown ZEL white
12/11/2019
165253Y ADELS-165253Y Datasheet
124Kb / 2P
   AC 166 GBUF/310 yellow ZEL white
12/11/2019
165253P ADELS-165253P Datasheet
124Kb / 2P
   AC 166 GBUF/310 pastel blue ZEL white
12/11/2019
165253D ADELS-165253D Datasheet
123Kb / 2P
   AC 166 GBUF/310 dark grey ZEL white
12/11/2019
165253K ADELS-165253K Datasheet
123Kb / 2P
   AC 166 GBUF/310 pebble grey ZEL white
12/11/2019
165253R ADELS-165253R Datasheet
124Kb / 2P
   AC 166 GBUF/310 light red ZEL white
12/11/2019
165253X ADELS-165253X Datasheet
124Kb / 2P
   AC 166 GBUF/310 coral red ZEL white
12/11/2019
165263G ADELS-165263G Datasheet
126Kb / 2P
   AC 166 GBUF/310 green ZEL black
12/11/2019
165253 ADELS-165253 Datasheet
124Kb / 3P
   AC 166 GBUF/310 white
12/11/2019
165263Y ADELS-165263Y Datasheet
126Kb / 2P
   AC 166 GBUF/310 yellow ZEL black
12/11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com