Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6650 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6650
Description  Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6650 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6650 Datasheet HTML 2Page - Linear Technology LT6650 Datasheet HTML 3Page - Linear Technology LT6650 Datasheet HTML 4Page - Linear Technology LT6650 Datasheet HTML 5Page - Linear Technology LT6650 Datasheet HTML 6Page - Linear Technology LT6650 Datasheet HTML 7Page - Linear Technology LT6650 Datasheet HTML 8Page - Linear Technology LT6650 Datasheet HTML 9Page - Linear Technology LT6650 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT6650
6
6650f
TYPICAL PERFOR A CE CHARACTERISTICS
Output Impedance vs Frequency
Output Impedance vs Frequency
Output Impedance vs Frequency
Power Supply Rejection Ratio vs
Frequency
Power Supply Rejection Ratio vs
Frequency
Power Supply Rejection Ratio vs
Frequency
Power Supply Rejection Ratio vs
Frequency
Power Supply Rejection Ratio vs
Frequency
Power Supply Rejection Ratio vs
Frequency
FREQUENCY (Hz)
10
100
10
1k
10k
100k
6650 G19
1
100
1000
CL = 1µF
CL = 10µF
CL = 47µF
IOUT = 0µA
RZ = 0Ω
FREQUENCY (Hz)
10
100
10
1k
10k
100k
6650 G20
1
100
1000
CL = 1µF
CL = 10µF
CL = 47µF
IOUT = –40µA
RZ = 0Ω
FREQUENCY (Hz)
10
100
10
1k
10k
100k
6650 G21
1
100
1000
CL = 1µF
CL = 10µF
CL = 47µF
IOUT = 0µA
CL • RZ = 100µs
FREQUENCY (Hz)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
1k
10k
100k
6650 G22
100
CL = 1µF
CL = 10µF
CL = 47µF
IOUT = 0µA
RZ = 0Ω
FREQUENCY (Hz)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
1k
10k
100k
6650 G23
100
CL = 1µF
CL = 10µF
CL = 47µF
IOUT = –40µA
RZ = 0Ω
FREQUENCY (Hz)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
1k
10k
100k
6650 G24
100
CL = 1µF
CL = 10µF
CL = 47µF
IOUT = 0µA
CL • RZ = 100µs
FREQUENCY (Hz)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
1k
10k
100k
6650 G25
100
CL = 1µF
CL = 10µF
CL = 47µF
IOUT = 0µA
RZ = 0Ω
CIN = 1µF
RIN = 1k
FREQUENCY (Hz)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
1k
10k
100k
6650 G26
100
CL = 1µF
CL = 10µF
CL = 47µF
IOUT = –40µA
RZ = 0Ω
CIN = 1µF
RIN = 1k
FREQUENCY (Hz)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
1k
10k
100k
6650 G27
100
CL = 1µF
CL = 10µF
CL = 47µF
IOUT = 0µA
CL • RZ = 100µs
CIN = 1µF
RIN = 1k
(See Applications, Figure 1)


Similar Part No. - LT6650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6650 LINER-LT6650 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6650 LINER-LT6650 Datasheet
452Kb / 12P
Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
logo
Linear Integrated Syste...
LT6650 LINEAR-LT6650 Datasheet
747Kb / 22P
1.5ppm C Drift, Low Noise, Buffered Reference
logo
Linear Technology
LT6650 LINER-LT6650_15 Datasheet
452Kb / 12P
Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
More results

Similar Description - LT6650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6650 LINER-LT6650_15 Datasheet
452Kb / 12P
Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
LT1716 LINER-LT1716_15 Datasheet
261Kb / 12P
SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1635 LINER-LT1635_15 Datasheet
241Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com