Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5256DFP-70VXL Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M5256DFP-70VXL
Description  262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5256DFP-70VXL Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M5256DFP-70VXL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VXL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VXL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VXL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VXL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VXL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VXL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MITSUBISHI LSIs
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5256DFP,VP,RV -70VLL,-85VLL,
-70VXL,-85VXL
'97.4.7
PACKAGE
M5M5256DFP
: 28 pin 450 mil SOP
M5M5256DVP,RV : 28pin 8 X 13.4 mm
TSOP
•Single +3.3±0.3V power supply
•No clocks, no refresh
•Data-Hold on +2.0V power supply
•Directly TTL compatible : all inputs and outputs
•Three-state outputs : OR-tie capability
•/OE prevents data contention in the I/O bus
•Common Data I/O
•Battery backup capability
•Low stand-by current··········0.05µA(typ.)
APPLICATION
Small capacity memory units
DESCRIPTION
The M5M5256DFP,VP,RV is 262,144-bit CMOS static RAMs
organized as 32,768-words by 8-bits which is fabricated using
high-performance 3 polysilicon CMOS technology. The use of
resistive load NMOS cells and CMOS periphery results in a high
density and low power static RAM. Stand-by current is small
enough for battery back-up application. It is ideal for the memory
systems which require simple interface.
Especially the M5M5256DVP,RV are packaged in a 28-pin thin
small outline package.Two types of devices are available,
M5M5256DVP(normal lead bend type package),
M5M5256DRV(reverse lead bend type package). Using both types of
devices, it becomes very easy to design a printed circuit board.
FEATURE
PIN CONFIGURATION (TOP VIEW)
1
12µA
(Vcc=3.6V)
(Vcc=3.6V)
2.4µA
(max)
Stand-by
(max)
Active
(max)
Power supply current
Type
M5M5256DFP,VP,RV-70VLL
Access
time
70ns
25mA
M5M5256DFP,VP,RV-85VLL
85ns
M5M5256DFP,VP,RV-70VXL
70ns
M5M5256DFP,VP,RV-85VXL
85ns
2
(Vcc=3.0V,
Typical)
0.05µA
(Vcc=3.6V)
1
A14
2
A12
4
A6
5
A5
6
A4
7
A3
8
A2
9
A1
10
A0
3
A7
11
DQ1
12
DQ2
13
DQ3
14
GND
28 Vcc
26 A13
25 A8
24 A9
23 A11
21 A10
DQ8
18
DQ7
17
DQ6
16
DQ5
15
DQ4
27 /W
22 /OE
20 /S
19
M5M5256DVP
1 A14
2 A12
4 A6
5 A5
6 A4
7 A3
3 A7
8
A2
9
A1
10
A0
11
DQ1
12
DQ2
13
DQ3
14
GND
Vcc
28
A13
26
A8
25
A9
24
A11
23
/W
27
/OE
22
A10 21
DQ7 18
DQ6 17
DQ5 16
DQ415
/S 20
DQ8 19
M5M5256DRV
A14
A12
A6
A5
A4
A3
A7
A2
A1
A0
DQ1
DQ2
DQ3
GND
A10
DQ7
DQ6
DQ5
DQ4
Vcc
A13
A8
A9
A11
/W
/OE
/S
DQ8
Outline 28P2C-A (DVP)
Outline 28P2C-B (DRV)
Outline 28P2W-C (DFP)
28
27
25
24
23
22
26
21
20
19
18
17
16
15
1
3
4
5
6
2
7
8
11
12
13
14
9
10


Similar Part No. - M5M5256DFP-70VXL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VXL-I MITSUBISHI-M5M5256DFP-70VXL-I Datasheet
43Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5256DFP-70VXL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com