Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8421-CNZ Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS8421-CNZ
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421-CNZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS8421-CNZ Datasheet HTML 1Page - Cirrus Logic CS8421-CNZ Datasheet HTML 2Page - Cirrus Logic CS8421-CNZ Datasheet HTML 3Page - Cirrus Logic CS8421-CNZ Datasheet HTML 4Page - Cirrus Logic CS8421-CNZ Datasheet HTML 5Page - Cirrus Logic CS8421-CNZ Datasheet HTML 6Page - Cirrus Logic CS8421-CNZ Datasheet HTML 7Page - Cirrus Logic CS8421-CNZ Datasheet HTML 8Page - Cirrus Logic CS8421-CNZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
CS8421
2
DS641PP1
General Description
The CS8421 is a 32-bit, high performance, monolithic CMOS stereo asynchronous sample rate converter.
Digital audio inputs and outputs can be 32, 24, 20, or 16-bits. Input and output data can be completely
asynchronous, synchronous to an external data clock, or the part can operate without any external clock
by using an integrated oscillator.
Audio data is input and output through configurable 3-wire input/output ports. The CS8421 does not re-
quire any software control via a control port.
Target applications include digital recording systems (DVD-R/RW, CD-R/RW, PVR, DAT, MD, and VTR),
digital mixing consoles, high quality D/A, effects processors, computer audio systems, and automotive au-
dio systems.
The part is available in space saving 20-pin TSSOP and QFN packages and supports sample rates up to
211 kHz.
ORDERING INFORMATION
Product
Description
Package Pb-Free Temp Range
Container
Order#
CS8421 32-bit Asynchronous Sample Rate Converter
TSSOP
YES
-10° to +70°C
Rail
CS8421-CZZ
CS8421 32-bit Asynchronous Sample Rate Converter
TSSOP
YES
-10° to +70°C Tape and Reel
CS8421-CZZR
CS8421 32-bit Asynchronous Sample Rate Converter
QFN
YES
-10° to +70°C
Rail
CS8421-CNZ
CS8421 32-bit Asynchronous Sample Rate Converter
QFN
YES
-10° to +70°C Tape and Reel CS8421-CNZR
CS8421 32-bit Asynchronous Sample Rate Converter
TSSOP
YES
-40° to +85°C
Rail
CS8421-DZZ
CS8421 32-bit Asynchronous Sample Rate Converter
TSSOP
YES
-40° to +85°C Tape and Reel
CS8421-DZZR
CDB8421 Evaluation Board for CS8421
-
-
-
-
CDB8421


Similar Part No. - CS8421-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421-CNZ CIRRUS-CS8421-CNZ Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CNZ CIRRUS-CS8421-CNZ Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CNZ CIRRUS-CS8421-CNZ Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421-CNZR CIRRUS-CS8421-CNZR Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CNZR CIRRUS-CS8421-CNZR Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results

Similar Description - CS8421-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8422 CIRRUS-CS8422 Datasheet
1Mb / 82P
   24-bit, 192 kHz, Asynchronous Sample Rate Converter with
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com