Electronic Components Datasheet Search |
|
CS8421-CNZ Datasheet(PDF) 7 Page - Cirrus Logic |
|
CS8421-CNZ Datasheet(HTML) 7 Page - Cirrus Logic |
7 / 36 page CS8421 DS641PP1 7 DC ELECTRICAL CHARACTERISTICS (GND = 0 V; all voltages with respect to 0 V.) Notes: 4. Power Down Mode is defined as RST = LOW with all clocks and data lines held static, except when a crystal is attached across XTI-XTO, in which case the crystal will begin oscillating. 5. Normal operation is defined as RST = HI. DIGITAL INPUT CHARACTERISTICS DIGITAL INTERFACE SPECIFICATIONS (GND = 0 V; all voltages with respect to 0 V.) Parameters Symbol Min Typ Max Units Power-down Mode (Note 4) Supply Current in power down VD (Oscillator attached to XTI-XTO) VL = 3.3 V VL = 5.0 V - - - 50 100 200 - - - µA µA µA Supply Current in power down VD (Crystal attached to XTI-XTO) VL = 3.3 V VL = 5.0 V - - - 99.9 1.34 3.54 - - - µA mA mA Normal Operation (Note 5) Supply Current at 48 kHz Fsi and Fso VD (Oscillator attached to XTI-XTO) VL = 3.3 V VL = 5.0 V - - - 23.1 2.17 3.42 - - - mA mA mA Supply Current at 192 kHz Fsi and Fso VD (Oscillator attached to XTI-XTO) VL = 3.3 V VL = 5.0 V - - - 78.7 7.7 12.49 - - - mA mA mA Supply Current at 48 kHz Fsi and Fso VD (Crystal attached to XTI-XTO) VL = 3.3 V VL = 5.0 V -23.1 2.92 6.02 -mA mA mA Supply Current at 192 kHz Fsi and Fso VD (Crystal attached to XTI-XTO) VL = 3.3 V VL = 5.0 V -78.7 3.037 6.25 -mA mA mA Parameters Symbol Min Typ Max Units Input Leakage Current Iin -- ±10 µA Input Capacitance Iin -8 - pF Input Hysteresis - 250 - mV Parameters Symbol Min Max Units High-Level Output Voltage, except MCLK_OUT and SDOUT (IOH=-4 mA) VOH 0.77xVL - V Low-Level Output Voltage, except MCLK_OUT and SDOUT (IOL=4 mA) VOL -.6 V High-Level Output Voltage, MCLK_OUT (IOH=-6 mA) VOH 0.77xVL - V Low-Level Output Voltage, MCLK_OUT (IOL=6 mA) VOL -.6 V High-Level Output Voltage, SDOUT (IOH=-8 mA) VOH 0.77xVL - V Low-Level Output Voltage, SDOUT (IOL=8 mA) VOL -.6 V High-Level Input Voltage VIH 0.55xVL VL+0.3 V Low-Level Input Voltage VIL -0.3 0.8 V |
Similar Part No. - CS8421-CNZ |
|
Similar Description - CS8421-CNZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |