Electronic Components Datasheet Search |
|
CS8421-CZZ Datasheet(PDF) 21 Page - Cirrus Logic |
|
|
CS8421-CZZ Datasheet(HTML) 21 Page - Cirrus Logic |
21 / 36 page CS8421 DS641PP1 21 7.1 TSSOP PIN DESCRIPTIONS PIN XTO 1 Crystal Out (Output) - Crystal output for Master clock. See “Master Clock” on page 17. XTI 2 Crystal/Oscillator In (Input) - Crystal or digital clock input for Master clock. See “Master Clock” on page 17. VD 3 Digital Power (Input) - Digital core power supply. Typically +2.5 V. GND 4 Ground (Input) - Ground for I/O and core logic. RST 5 Reset (Input) - When RST is low the CS8421 enters a low power mode and all internal states are reset. On initial power up RST must be held low until the power supply is stable and all input clocks are stable in frequency and phase. BYPASS 6 Sample Rate Converter Bypass (Input) - When BYPASS is high, the sample rate converter will be bypassed and any data input through the serial audio input port will be directly output on the serial audio output port. When Bypass is low the sample rate converter will operate normally. ILRCK 7 Serial Audio Input Left/Right Clock (Input/Output) - Word rate clock for the audio data on the SDIN pin. ISCLK 8 Serial Audio Bit Clock (Input/Output) - Serial bit clock for audio data on the SDIN pin. SDIN 9 Serial Audio Input Data Port (Input) - Audio data serial input pin. MCLK_OUT 10 Master Clock Output (Output) - Buffered and level shifted output for Master clock. If MCLK_OUT is not required, this pin should be pulled high through a 47 k Ω resistor to turn the output off. See “Master Clock” on page 17. TDM_IN 11 Serial Audio TDM Input (Input) - Time Division Multiplexing serial audio data input. Grounded when not used. See “Time Division Multiplexing (TDM) Mode” on page 18 SDOUT 12 Serial Audio Output Data Port (Output) - Audio data serial output pin. Optionally this pin may be pulled low through a 47 k Ω resistor, but should not be pulled high. OSCLK 13 Serial Audio Bit Clock (Input/Output) - Serial bit clock for audio data on the SDOUT pin. OLRCK 14 Serial Audio Input Left/Right Clock (Input/Output) - Word rate clock for the audio data on the SDOUT pin. MS_SEL 15 Master/Slave Select (Input) - Used to select Master or Slave for the input and output serial audio ports at startup and reset. See Table 1 on page 13 for format settings. GND 16 Ground (Input) - Ground for I/O and core logic. VL 17 Logic Power (Input) - Input/Output power supply. Typically +3.3 V or +5.0 V. SAOF 18 Serial Audio Output Format Select (Input) - Used to select the serial audio output format at star- tup and reset. See Table 3 on page 13 for format settings. SAIF 19 Serial Audio Input Format Select (Input) - Used to select the serial audio input format at startup and reset. See Table 2 on page 13 for format settings. SRC_UNLOCK 20 SRC Unlock Indicator (Output) - Indicates when the SRC is unlocked. See “SRC Locking and Varispeed” on page 15. Table 4. TSSOP Pin Descriptions |
Similar Part No. - CS8421-CZZ |
|
Similar Description - CS8421-CZZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |