Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8421-CZZ Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS8421-CZZ
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421-CZZ Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS8421-CZZ Datasheet HTML 8Page - Cirrus Logic CS8421-CZZ Datasheet HTML 9Page - Cirrus Logic CS8421-CZZ Datasheet HTML 10Page - Cirrus Logic CS8421-CZZ Datasheet HTML 11Page - Cirrus Logic CS8421-CZZ Datasheet HTML 12Page - Cirrus Logic CS8421-CZZ Datasheet HTML 13Page - Cirrus Logic CS8421-CZZ Datasheet HTML 14Page - Cirrus Logic CS8421-CZZ Datasheet HTML 15Page - Cirrus Logic CS8421-CZZ Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
CS8421
12
DS641PP1
3. GENERAL DESCRIPTION
The CS8421 is a 32-bit, high performance, monolithic CMOS stereo asynchronous sample rate converter.
The digital audio data is input and output through configurable 3-wire serial ports. The digital audio in-
put/output ports offer Left Justified, Right Justified, and I²S serial audio formats. The CS8421 also sup-
ports a TDM mode which allows multiple channels of digital audio data on one serial line. A bypass mode
allows the data to be passed directly to the output port without sample rate conversion.
The CS8421 does not require a control port interface, helping to speed design time by not requiring the
user to develop software to configure the part. Pins that are sensed after reset allow the part to be con-
figured. See “Reset, Power Down, and Start-up” on page 32.
Target applications include digital recording systems (DVD-R/RW, CD-R/RW, PVR, DAT, MD, and VTR),
digital mixing consoles, high quality D/A, effects processors and computer audio systems.
Figure 5 and Figure 6 show the supply and external connections to the CS8421.
4. THREE-WIRE SERIAL INPUT/OUTPUT AUDIO PORT
A 3-wire serial audio input/output port is provided. The interface format should be chosen to suit the at-
tached device through the MS_SEL, SAIF, and SAOF pins. Table 1, Table 2, and Table 3 show the pin
functions and their corresponding settings. The following parameters are adjustable:
Master or slave.
Master clock (MCLK) ratios of 128*Fsi/o, 256*Fsi/o, 384*Fsi/o, and 512*Fsi/o (Master mode).
Audio data resolution of 16, 20, 24, or 32-bits.
Left or right justification of the data relative to left/right clock (LRCK) as well as I²S.
Figure 7, Figure 8, and Figure 9 show the input/output formats available.
In master mode, the left/right clock and the serial bit clock are outputs, derived from the XTI input pin mas-
ter clock.
In slave mode, the left/right clock and the serial bit clock are inputs and may be asynchronous to the XTI
master clock. The left/right clock should be continuous, but the duty cycle can be less than 50% if enough
serial clocks are present in each phase to clock all of the data bits.
ISCLK is always set to 64*Fsi when the input is set to master. In normal operation, OSCLK is set to
64*Fso. In TDM slave mode, OSCLK must operate at N*64*Fso, where N is the number of CS8421’s con-
nected together. In TDM master mode, OSCLK is set to 256*Fso
5. MODE SELECTION
The CS8421 uses the resistors attached to the MS_SEL, SAIF, and SAOF pins to determine the modes
of operation. After reset the resistor value and condition (VL or GND) are sensed. This operation will take
approximately 4
µs to complete. The SRC_UNLOCK pin will remain high and the SDOUT pin will be mut-
ed until the mode detection sequence has completed. After this, if all clocks are stable, SRC_UNLOCK
will be brought low when audio output is valid and normal operation will occur. Table 1, Table 2, and
Table 3 show the pin functions and their corresponding settings. If the 1.0 k
Ω option is selected for
MS_SEL, SAIF, or SAOF, the resistor connected to that pin may be replaced by a direct connection to VL
or GND as appropriate.
The resistor attached to each mode selection pin should be placed physically close to the CS8421. The
end of the resistor not connected to the mode selection pins should be connected as close as possible to
VL and GND to minimize noise. Table 1, Table 2, and Table 3 show the pin functions and their corre-
sponding settings.


Similar Part No. - CS8421-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421-CZZ CIRRUS-CS8421-CZZ Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CZZ CIRRUS-CS8421-CZZ Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CZZ CIRRUS-CS8421-CZZ Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421-CZZR CIRRUS-CS8421-CZZR Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CZZR CIRRUS-CS8421-CZZR Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
More results

Similar Description - CS8421-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8422 CIRRUS-CS8422 Datasheet
1Mb / 82P
24-bit, 192 kHz, Asynchronous Sample Rate Converter with
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com