Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8421-CZZ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8421-CZZ
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421-CZZ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8421-CZZ Datasheet HTML 6Page - Cirrus Logic CS8421-CZZ Datasheet HTML 7Page - Cirrus Logic CS8421-CZZ Datasheet HTML 8Page - Cirrus Logic CS8421-CZZ Datasheet HTML 9Page - Cirrus Logic CS8421-CZZ Datasheet HTML 10Page - Cirrus Logic CS8421-CZZ Datasheet HTML 11Page - Cirrus Logic CS8421-CZZ Datasheet HTML 12Page - Cirrus Logic CS8421-CZZ Datasheet HTML 13Page - Cirrus Logic CS8421-CZZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS8421
10
DS641PP1
2.
TYPICAL CONNECTION DIAGRAMS
CS8421
VD
VL
Serial
Audio
Source
ILRCK
ISCLK
SDIN
BYPASS
+2.5 V
+3.3 V or +5.0 V
0.1
µF0.1 µF
Serial
Audio
Input
Device
OLRCK
OSCLK
SDOUT
XTI
XTO
RST
SRC_UNLOCK
SAOF
TDM_IN
Hardware Control
Settings
Crystal /Clock
Source
GND
SAIF
MS_SEL
GND
MCLK_OUT
To external
hardware
47 k
*
**
Figure 5. Typical Connection Diagram, Master and Slave Modes
* The connection (VL or GND) and value of these three resistors determines the mode of operation for the
input and output serial ports as described in Table 1, “Serial Audio Port Master/Slave and Clock Ratio Se-
lect Startup Options (MS_SEL)", Table 2, “Serial Audio Input Port Startup Options (SAIF)", and Table 3,
“Serial Audio Output Port Startup Options (SAOF)", all on page 13.
** MCLK_OUT pin should be pulled high through a 47 k
Ω resistor if an MCLK output is not needed.


Similar Part No. - CS8421-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421-CZZ CIRRUS-CS8421-CZZ Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CZZ CIRRUS-CS8421-CZZ Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CZZ CIRRUS-CS8421-CZZ Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421-CZZR CIRRUS-CS8421-CZZR Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CZZR CIRRUS-CS8421-CZZR Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
More results

Similar Description - CS8421-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8422 CIRRUS-CS8422 Datasheet
1Mb / 82P
24-bit, 192 kHz, Asynchronous Sample Rate Converter with
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com