Electronic Components Datasheet Search |
|
CS8421-CZZ Datasheet(PDF) 1 Page - Cirrus Logic |
|
CS8421-CZZ Datasheet(HTML) 1 Page - Cirrus Logic |
1 / 36 page Preliminary Product Information This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice. 1 Copyright © Cirrus Logic, Inc. 2005 (All Rights Reserved) http://www.cirrus.com CS8421 32-bit, 192 kHz Asynchronous Sample Rate Converter Features 175 dB Dynamic Range –140 dB THD+N No Programming Required No External Master Clock Required Supports Sample Rates up to 211 kHz Input/Output Sample Rate Ratios from 7.5:1 to 1:8 Master Clock Support for 128 x fs, 256 x fs, 384 x fs, and 512 x fs (Master Mode) 16, 20, 24, or 32-bit Data I/O 32-bit Internal Signal Processing Dither Automatically Applied and Scaled to Output Resolution Flexible 3-Wire Serial Digital Audio Input and Output Ports Master and Slave Modes for Both Input and Output Bypass Mode Time Division Multiplexing (TDM) Mode Attenuates Clock Jitter Multiple Part Outputs are Phase Matched Linear Phase FIR Filter Automatic Soft Mute/Unmute +2.5 V Digital Supply (VD) +3.3 V or 5.0 V Digital Interface (VL) Space Saving 20-pin TSSOP and QFN Packages I Serial Audio Input Time Varying Digital Filters BYPASS Digital PLL Clock Generator ILRCK ISCLK SDIN Sync Info Data Serial Audio Output OLRCK OSCLK SDOUT XTI XTO SRC_UNLOCK 2.5 V (VD) GND RST Sync Info Data Data Level Translators TDM_IN MS_SEL SAIF SAOF Serial Port Mode Decoder MCLK_OUT 3.3 V or 5.0 V (VL) JAN ‘05 DS641PP1 |
Similar Part No. - CS8421-CZZ |
|
Similar Description - CS8421-CZZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |