Electronic Components Datasheet Search |
|
CS8421-CZZ Datasheet(PDF) 8 Page - Cirrus Logic |
|
CS8421-CZZ Datasheet(HTML) 8 Page - Cirrus Logic |
8 / 36 page CS8421 8 DS641PP1 SWITCHING SPECIFICATIONS (Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF) Parameters Symbol Min Max Units RST pin Low Pulse Width (Note 6) 1 - ms XTI Frequency (Note 7) Crystal Digital Clock Source 16.384 1.024 27.000 27.000 MHz MHz XTI Pulse Width High/Low 14.8 - ns MCLK_OUT Duty Cycle 45 55 % Slave Mode I/OSCLK Frequency - 24.576 MHz OLRCK High Time (Note 8) tlrckh 326 - ns I/OSCLK High Time tsckh 9- ns I/OSCLK Low Time tsckl 9- ns I/OLRCK Edge to I/OSCLK Rising tlcks 6- ns OLRCK Rising Edge to OSCLK Rising Edge (TDM) tfss 5- ns I/OSCLK Rising Edge to I/OLRCK Edge tlckd 5- ns OSCLK Rising Edge to OLRCK Falling Edge (TDM) tfsh 5- ns OSCLK Falling Edge/OLRCK Edge to SDOUT Output Valid tdpd -18 ns SDIN/TDM_IN Setup Time Before I/OSCLK Rising Edge tds 3- ns SDIN/TDM_IN Hold Time After I/OSCLK Rising Edge tdh 5- ns t ds OLRCK (input) t dh t sckh t sckl t fsh t fss OSCLK (input) TDM_IN (input) SDOUT (output) MSB t dpd MSB-1 MSB MSB-1 t lrckh t ds MSB t dh t dpd MSB-1 I/OLRCK (input) I/OSCLK (input) SDIN (input) SDOUT (output) MSB MSB-1 t sckh t sckl t lcks t lckd Figure 1. Non-TDM Slave Mode Timing Figure 2. TDM Slave Mode Timing |
Similar Part No. - CS8421-CZZ |
|
Similar Description - CS8421-CZZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |