Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP30MHZ-1551 Datasheet(PDF) 1 Page - Soshin electric Co., Ltd.

Part # LP30MHZ-1551
Description  For Digital Studio
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

LP30MHZ-1551 Datasheet(HTML) 1 Page - Soshin electric Co., Ltd.

  LP30MHZ-1551 Datasheet HTML 1Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LP30MHz-1551
Applications
For Digital Studio
Specifications
LP30MHz-1551
Zin/Zout
75 ohm (Unbaranced)
Insertion Loss
3.5dB max (at 1MHz)
Pass Band Ripple
0.1dB p-p max (0.1 up to 30MHz)
12dB min (at 37.125MHz)
40dB min (44.25 up to 54.25MHz)
50dB min (54.25 up to 100MHz)
146+
-10ns max (at 1MHz)
2.0nsp-p max (0.1 up to 20MHz)
3.0nsp-p max (0.1 up to 30MHz)
Dimensions
Chracteristics (Typical)
Attnuation
Group De
ay


Similar Part No. - LP30MHZ-1551

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
LP30-1600 SUPERWORLD-LP30-1600 Datasheet
110Kb / 1P
   POWER TRANSFORMER
LP30-200 SUPERWORLD-LP30-200 Datasheet
109Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP30-200B126 PULSE-LP30-200B126 Datasheet
152Kb / 1P
   Laminated Transformers
LP30-200B126 PULSE-LP30-200B126 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
logo
Superworld Electronics
LP30-400 SUPERWORLD-LP30-400 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - LP30MHZ-1551

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
LP15MHZ-1553 SOSHIN-LP15MHZ-1553 Datasheet
110Kb / 1P
   For Digital Studio
logo
Keysight Technologies
N7623B KEYSIGHT-N7623B Datasheet
1Mb / 12P
   Signal Studio for Digital Video
N7606B KEYSIGHT-N7606B Datasheet
2Mb / 10P
   Signal Studio for Bluetooth짰
N7660B KEYSIGHT-N7660B Datasheet
1Mb / 8P
   Signal Studio for Multi-Emitter
N7615B KEYSIGHT-N7615B Datasheet
1Mb / 10P
   Signal Studio for Mobile WiMAX?
N7608B KEYSIGHT-N7608B Datasheet
1Mb / 8P
   Signal Studio for Custom Modulation
N7620B KEYSIGHT-N7620B Datasheet
5Mb / 14P
   Signal Studio for Pulse Building
N7611B KEYSIGHT-N7611B Datasheet
1Mb / 9P
   Signal Studio for Broadcast Radio
N7621B KEYSIGHT-N7621B Datasheet
2Mb / 12P
   Signal Studio for Multitone Distortion
N7622B KEYSIGHT-N7622B Datasheet
1Mb / 7P
   N7622B Signal Studio for Toolkit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com