Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TESTO425 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # TESTO425
Description  Thermal anemometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO425 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  TESTO425 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO425 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
testo 425
www.testo.com
Technical data / Accessories
testo 425
testo 425 compact thermal anemometer
with fixed velocity probe incl. temperature
measurement and telescope (max. 820 mm),
battery and calibration protocol
Part no. 0560 4251
General technical data
Operating temperature
-20 to +50 °C
Storage temperature
-40 to +70 °C
Battery type
9V block battery, 6F22
Battery life
20 h
Dimensions
182 x 64 x 40 mm
Weight
285 g
Housing material
ABS
Accessories
Part no.
0516 0191
Case for measuring instrument and probes
0516 0221
TopSafe, protects from impact and dirt
0515 0025
9V rech. battery for instrument, instead of battery
0520 0004
ISO calibration certificate velocity
hot wire, vane anemometer, Pitot tube; calibration points 1; 2; 5; 10 m/s
0520 0034
ISO calibration certificate velocity
hot wire, vane anemometer, Pitot tube; calibration points 5; 10; 15; 20 m/s
Sensor types
Thermal
NTC
Measuring range
0 to +20 m/s
-20 to +70 °C
Accuracy
±1 digit
±(0.03 m/s +5% of m.v.)
±0.5 °C (0 to +60 °C)
±0.7 °C (remaining range)
Resolution
0.01 m/s
0.1 °C
0520 0024
ISO calibration certificate velocity
hot wire, vane anemometer; calibration points 0.3; 0.5; 0.8; 1.5 m/s
0516 1201
Service case for measuring instrument and probe, dimensions 454 x 316 x 111 mm


Similar Part No. - TESTO425

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO405 TESTO-TESTO405 Datasheet
1Mb / 2P
   Thermal anemometer
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
   Vane anemometer
TESTO410-1 TESTO-TESTO410-1 Datasheet
248Kb / 2P
   Vane anemometer
TESTO410-2 TESTO-TESTO410-2 Datasheet
248Kb / 2P
   Vane anemometer
TESTO435 TESTO-TESTO435 Datasheet
2Mb / 8P
   Multi-function measuring instrument
More results

Similar Description - TESTO425

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO405 TESTO-TESTO405 Datasheet
1Mb / 2P
   Thermal anemometer
logo
Extech Instruments Corp...
451112 EXTECH-451112 Datasheet
161Kb / 5P
   Vane Anemometer
logo
Testo SE & Co. KGaA
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
   Vane anemometer
logo
Extech Instruments Corp...
EZ30 EXTECH-EZ30 Datasheet
225Kb / 6P
   EzFlex Thermo-Anemometer
407123 EXTECH-407123 Datasheet
99Kb / 8P
   Hot Wire Thermo-Anemometer
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
   Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
   Mini Thermo-Anemometer Series
451181 EXTECH-451181 Datasheet
332Kb / 13P
   Datalogging / Printing Anemometer Psychrometer
45160 EXTECH-45160 Datasheet
186Kb / 1P
   Pocket Hygro-Thermo-Anemometer
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
   CFM/CMM Thermo Anemometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com