Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TESTO405 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # TESTO405
Description  Thermal anemometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO405 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  TESTO405 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO405 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
testo 405
Technical data / Accessories
testo 405
testo 405 thermal anemometer with duct holder,
incl. attachment clip and batteries
Part no. 0560 4053
General technical data
Storage temperature
0 to +50 °C
Operating temperature
-20 to +70 °C
Battery type
3 AAA micro batteries
Battery life
Approx. 20 h
Weight
115 g (with batteries, without packaging)
Warranty
2 years
490 x 37 x 36 mm
300 mm
Ø 16 mm /
Ø 12 mm
Accessories
Part no.
Accessories for measuring instrument
0554 0410
testovent 410, volume flow funnel, Ø 340 mm/330x330 mm, incl. case
0554 0415
0520 0094
0520 0004
testovent 415, volume flow funnel, Ø 210 mm/210x210 mm, incl. case
ISO calibration certificate velocity, two point calibration; calibration points 5m/s and 10m/s
ISO calibration certificate velocity, hot wire, vane anemometer, Pitot tube; calibration points 1; 2; 5; 10 m/s
www.testo.com
Sensor types
Thermal
NTC
Measuring range
0 to 5 m/s (-20 to 0 °C)
0 to 10 m/s (0 to +50 °C)
0 to +99990 m³/h
-20 to +50 °C
Accuracy ±1 digit
±(0.1 m/s + 5% of mv) (0 to +2 m/s)
±(0.3 m/s + 5% of mv) (remaining range)
±0.5 °C
Resolution
0.01 m/s
0.1 °C
Dimensions
Length Probe shaft
Diameter Probe shaft /
Probe shaft tip
We measure it.
testo-405-P02
12.07.2013
07:33
Seite 2
Testo Inc.
40 White Lake Rd.
Sparta, NJ 07871
800-227-0729
Email: info@testo.com


Similar Part No. - TESTO405

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
   Vane anemometer
TESTO410-1 TESTO-TESTO410-1 Datasheet
248Kb / 2P
   Vane anemometer
TESTO410-2 TESTO-TESTO410-2 Datasheet
248Kb / 2P
   Vane anemometer
TESTO425 TESTO-TESTO425 Datasheet
334Kb / 2P
   Thermal anemometer
TESTO435 TESTO-TESTO435 Datasheet
2Mb / 8P
   Multi-function measuring instrument
More results

Similar Description - TESTO405

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO425 TESTO-TESTO425 Datasheet
334Kb / 2P
   Thermal anemometer
logo
Extech Instruments Corp...
451112 EXTECH-451112 Datasheet
161Kb / 5P
   Vane Anemometer
logo
Testo SE & Co. KGaA
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
   Vane anemometer
logo
Extech Instruments Corp...
EZ30 EXTECH-EZ30 Datasheet
225Kb / 6P
   EzFlex Thermo-Anemometer
407123 EXTECH-407123 Datasheet
99Kb / 8P
   Hot Wire Thermo-Anemometer
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
   Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
   Mini Thermo-Anemometer Series
451181 EXTECH-451181 Datasheet
332Kb / 13P
   Datalogging / Printing Anemometer Psychrometer
45160 EXTECH-45160 Datasheet
186Kb / 1P
   Pocket Hygro-Thermo-Anemometer
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
   CFM/CMM Thermo Anemometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com