Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TESTO315-4 Datasheet(PDF) 3 Page - Testo SE & Co. KGaA

Part # TESTO315-4
Description  CO measuring instruments and gas spillage detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO315-4 Datasheet(HTML) 3 Page - Testo SE & Co. KGaA

  TESTO315-4 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO315-4 Datasheet HTML 2Page - Testo SE & Co. KGaA TESTO315-4 Datasheet HTML 3Page - Testo SE & Co. KGaA TESTO315-4 Datasheet HTML 4Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
testo 317-1 / testo 317-3
Gas spillage detector testo 317-1
CO monitor testo 317-3
testo 317-1
testo 317-3
testo 317-1 gas spillage detector with
flexible probe, incl. battery
testo 317-3 CO monitor incl. case with belt
clip, headphones, wrist strap, scanner and
calibration protocol
Order no. 0632 3170
Order no. 0632 3173
The gas spillage detector testo 317-1 reliably detects
leaking flue gas from heating systems. The handy
instrument provides immediate optical and audible alarms.
This means no visual contact with the measuring instrument
is needed. The flexible probe enables use even in the
tightest spaces.
• Reliable detection of leaking flue gases
• Flexible probe for inaccessible areas
• Audible and visual alarm
The testo 317-3 detects the presence of carbon monoxide
in the ambient air and alerts you optically and audibly to
hazardous gas concentrations, e.g. during installation and
maintenance work on gas heaters.
• 3-year guarantee on CO sensor
• Immediately ready for action: No zeroing phase
• Adjustable alarm thresholds
• CO zeroing at measuring location
General technical data
Measuring range
0 to +1999 ppm
Accuracy
±1 digit
±3 ppm (0 to +29 ppm)
±10 % (+30 to +1999 ppm)
Resolution
1 ppm
Operating temperature
-5 to +45 °C
Battery type
2 micro batteries AAA
Battery life
150 h (with beeper switched off)
Response time
40 s
Guarantee
Guarantee conditions
2-years on instrument
3-years on CO sensor
https://www.testo.com/guarantee
General technical data
Measuring medium
Ambient air
Response time
2 s
Display
optical / audible
Battery type
3 micro batteries AAA
Weight
300 g
Dimensions
128 x 46 x 18 mm
Diameter probe
shaft tip
Ø 10 mm
Length
Probe shaft tip
35 mm
Probe tube length
200 mm


Similar Part No. - TESTO315-4

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO317-2 TESTO-TESTO317-2 Datasheet
142Kb / 2P
Gas-Leak Detector
More results

Similar Description - TESTO315-4

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LQ104V1DG11 SHARP-LQ104V1DG11 Datasheet
119Kb / 1P
Color TFT-LCD Module(Measuring instruments/Banking terminals)
LQ10D421 SHARP-LQ10D421 Datasheet
118Kb / 1P
Color TFT-LCD Module(FA/Industrial/Measuring instruments)
logo
Bel Fuse Inc.
S560-6600-Z6 BEL-S560-6600-Z6 Datasheet
204Kb / 2P
ADSL Magnetics For Texas Instruments AC5 (CO)
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
Field Measuring Instruments
logo
Fuji Electric
EDS3-116E FUJI-EDS3-116E Datasheet
101Kb / 8P
CO/O2 GAS ANALYZER FOR STACK GAS
EDS3-128 FUJI-EDS3-128 Datasheet
100Kb / 8P
CO/O2 GAS ANALYZER FOR STACK GAS
logo
Panasonic Semiconductor
AQV251 PANASONIC-AQV251 Datasheet
88Kb / 4P
Both low on-resistance and good cost-performance achieved. Measuring instruments
logo
TOKYO SEIMITSU CO., LTD
SURFCOMNEX ACCRETECH-SURFCOMNEX Datasheet
752Kb / 8P
Surface Texture and Contour Integrated Measuring Instruments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com