Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM02XISTR Datasheet(PDF) 1 Page - Champion Microelectronic Corp.

Part # CM02XISTR
Description  Magic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM02XISTR Datasheet(HTML) 1 Page - Champion Microelectronic Corp.

  CM02XISTR Datasheet HTML 1Page - Champion Microelectronic Corp. CM02XISTR Datasheet HTML 2Page - Champion Microelectronic Corp. CM02XISTR Datasheet HTML 3Page - Champion Microelectronic Corp. CM02XISTR Datasheet HTML 4Page - Champion Microelectronic Corp. CM02XISTR Datasheet HTML 5Page - Champion Microelectronic Corp. CM02XISTR Datasheet HTML 6Page - Champion Microelectronic Corp. CM02XISTR Datasheet HTML 7Page - Champion Microelectronic Corp. CM02XISTR Datasheet HTML 8Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Magic Switch
CM02/CMD02
Magic Switch: No Load
Zero Input Power
2015/11/03 Rev. 1.0
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
This data sheet will show how to remove Phantom Power
consumption. It may not be necessary to use Magic
Switch
(Fig1) and an equivalent circuit (Fig2) has been
provided in the data sheet. The Phantom Power
consumption due to EMI Cap.’s discharge resistor can be
removed by a pretty simple circuit as describe in the block
diagram. However, Magic Switch could be most
cost-effective, layout easy…..choice for designing zero no
load consumption application.
Magic Switch
, it behaves like a magic switch or a
low-pass filter. Magic switch allows DC passes and AC is
blocked. Magic switch is a low pass filter. It allows
frequency more than 20 Hz to pass (AC plug-in Magic
switch turn off) with ~ Zero Input Power. When frequency
small than 20Hz, Magic switch is turn on discharge EMI’s
Cap.
Magic switch
power consumption is approaching to 0mW
when line voltage appears.
Note : When 264VAC input: Magic Switch consumption is
approaching (264VAC)
2 /12Mohm (internal resistor)~5.8mW
Remove Phantom Power consumption
4 terminal with > 5 mm space on package and PCB
2 terminal with >3 mm space on package and PCB
Meet safety ICE 60065/60950
Break down voltage ~1KV
Design for lightning surge sensitive environment
One product works with any EMI’s capacitor filter
design
Most cost effective, Layout easy solution, easily to
meet Erp lot6 tier 2 requirement
SOP8 / SOD123 packages for Adaptor / Desktop
Application
The package is polarity insensitive.
PIN CONFIGURATION
SOP8 TOP View
3
2
NC
4
DRAIN1
7
NC
NC
6
1
NC
5
DRAIN2
DRAIN2
8
DRAIN1
SOD123 TOP View
DRAIN2
DRAIN1
1
2


Similar Part No. - CM02XISTR

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02 DDK-CM02 Datasheet
301Kb / 6P
   DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
301Kb / 6P
   DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
CM02-8DP4SD(D1)-FG DDK-CM02-8DP4SD(D1)-FG Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
CM02-8DP4SDD1-FG DDK-CM02-8DP4SDD1-FG Datasheet
311Kb / 5P
   M12 Sized & Sealed Circular Connector
More results

Similar Description - CM02XISTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
   MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
   MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
   MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
   MAGIC LED
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
   MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
   MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
   MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
   MAGIC LED
PLB010020 ETC1-PLB010020 Datasheet
315Kb / 5P
   MAGIC LED DIE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com