Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBB62 Datasheet(PDF) 1 Page - WESTECH COMPONENT CO., LTD.

Part # CBB62
Description  Metallized Polypropylene Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTECH [WESTECH COMPONENT CO., LTD.]
Direct Link  http://www.wt.co.th/
Logo WESTECH - WESTECH COMPONENT CO., LTD.

CBB62 Datasheet(HTML) 1 Page - WESTECH COMPONENT CO., LTD.

  CBB62 Datasheet HTML 1Page - WESTECH COMPONENT CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CBB62 Metallized Polypropylene Film Capacitors
• Features: Very small loss, excellent frequency and temperature characteristics,
high insulation resistance, Reliable quality due to self healing effect. As an across
the line type noise suppression capacitor, and suitable for AC purpose.
Withstanding 2.5kV impulse voltage, Class X2 . Flame retardant epoxy resin
coating (UL94/V-0)
Technical Specifications
Items
Characteristics
Standard
GB/T 14472-98
(IEC 384-14)
Climatic
40/085/21
Rated voltage
250/275VAC, 400VAC
Capacitance
Range
0.010 uF-1.0uF
Capacitance
Tolerance
±5%(J) ; ± 10% (K); ± 20% (M)
Voltage Proof
4.3UR VDC (5s)
Insulation
Resistance
≥150000M Ω, CR ≤ 0.33uF
(20°C, 1min, 100V)
≥5000s, CR > 0.33uF
Dissipation Factor
≤ 0.001 (20°C, 1KHz)
Dimension
250/275 VAC
400VAC
CR
(uR)
W
H
T
P
d
W
H
T
P
d
0.010
14.0
12.0
7.0
10.0
0.6
14.0
12.0
7.0
10.0
0.6
0.012
14.0
12.5
8.0
10.0
0.6
14.0
12.5
7.5
10.0
0.6
0.015
14.0
13.0
8.0
10.0
0.6
14.0
13.0
8.0
10.0
0.6
0.018
14.0
13.5
8.5
10.0
0.6
14.0
14.0
8.5
10.0
0.6
0.022
14.0
14.0
9.0
10.0
0.6
14.0
15.0
9.0
10.0
0.6
0.027
14.0
15.0
10.0
10.0
0.6
19.0
13.0
7.0
15.0
0.6
0.033
14.0
15.5
10.5
10.0
0.6
19.0
13.5
8.0
15.0
0.6
0.039
17.5
15.0
9.0
12.5
0.6
19.0
14.5
8.5
15.0
0.6
0.047
17.5
15.5
10.0
12.5
0.6
19.0
15.0
9.0
15.0
0.6
0.056
17.5
16.0
10.5
12.5
0.6
19.0
17.0
9.5
15.0
0.8
0.068
17.5
16.5
11.0
12.5
0.6
25.0
16.0
8.5
20.0
0.8
0.082
17.5
17.5
12.0
12.5
0.6
25.0
16.5
9.0
20.0
0.8
0.10
25.0
15.5
10.0
20.0
0.8
25.0
17.5
10.0
20.0
0.8
0.12
25.0
16.0
10.5
20.0
0.8
25.0
18.5
11.0
20.0
0.8
0.15
25.0
17.0
11.5
20.0
0.8
25.0
19.5
12.0
20.0
0.8
0.18
25.0
18.0
12.0
20.0
0.8
25.0
20.5
13.0
20.0
0.8
0.22
25.0
20.0
12.5
20.0
0.8
30.0
21.0
12.0
25.0
0.8
0.27
25.0
21.0
13.5
20.0
0.8
30.0
22.5
13.0
25.0
0.8
0.33
25.0
22.0
15.0
20.0
0.8
30.0
23.5
14.5
25.0
0.8
0.39
30.0
22.0
13.5
25.0
0.8
36.0
23.0
14.0
30.0
0.8
0.47
30.0
22.0
16.0
25.0
0.8
36.0
24.5
15.5
30.0
0.8
0.56
30.0
25.0
15.5
25.0
0.8
0.68
36.0
24.5
15.5
30.0
0.8
0.82
36.0
26.0
17.0
30.0
0.8
1.0
36.0
28.0
18.5
30.0
0.8
WesTech Component Co., Ltd


Similar Part No. - CBB62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
TDK Electronics
CBB65A-1 TDK-CBB65A-1 Datasheet
710Kb / 9P
   Film Capacitors – AC Capacitors
Sept. 2021 Version: 1.0
More results

Similar Description - CBB62

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com