Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVALU8R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EVALU8R
Description  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EVALU8R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EVALU8R Datasheet HTML 6Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 7Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 8Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 9Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 10Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 11Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 12Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 13Page - List of Unclassifed Manufacturers EVALU8R Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Evalu8r User Manual V2.00
6
RESET Configuration
Atmel 40-pin 8051 microcontrollers
Device
Microcontroller
Number
EA
Family
Socket
Of Pins
Polarity
Link 3
Link 4
ISP
HIGH
AT89C51
U2
40
HIGH
1-2
1-2
NO
CON 10
1-2
AT89C52
U2
40
HIGH
1-2
1-2
NO
CON 10
1-2
AT89C55
U2
40
HIGH
1-2
1-2
NO
CON 10
1-2
AT89S8252
U2
40
HIGH
1-2
1-2
YES
CON 10
1-2
AT89S53
U2
40
HIGH
1-2
1-2
YES
CON 10
1-2
Figure 8
Device Support Continued
RESET
XTAL1
XTAL2
GND
EA
C1
C2
XT1
P0
P3
Vcc
P1
P2
CON 10
1-2
C6
Vcc
40
31
1
18
19
20
AT89CXX
AT89SXXXX
40-Pin
Microcontroller
External
RESET
Signal
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
27
26
28
29
30
31
32
33
34
35
36
37
38
39
40
(T2) P1.0
(T2 EX) P1.1
(RXD) P3.0
RST
(SCK) P1.7
(MISO) P1.6
(MOSI) P1.5
(SS) P1.4
P1.3
P1.2
(WR) P3.6
(T1) P3.5
(T0) P3.4
(INT1) P3.3
(INT0) P3.2
(TXD) P3.1
GND
XTAL1
XTAL2
(RD) P3.7
VCC
PSEN
ALE/PROG
EA/VPP
P0.7 (AD7)
P0.6 (AD6)
P0.5 (AD5)
P0.4 (AD4)
P0.3(AD3)
P0.2 (AD2)
P0.1 (AD1)
P0.0 (AD0)
P2.4 (A12)
P2.5 (A13)
P2.6 (A14)
P2.7 (A15)
P2.0 (A8)
P2.1 (A9)
P2.2 (A10)
P2.3 (A11)
Pinout for the AT89S8252
Port
I/O
Function
P0.X
8
I/O Box Header (Con 11)
P1.X
8
LED x 8 + ISP (3)
P2.X
8
I/O Box Header (Con 9)
P3.X
8
Push Button + Serial Communications
Active
HIGH RESET
Circuit
(Refer to page 12)
Figure 11
Figure 9
Figure 10


Similar Part No. - EVALU8R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EvaluationBoard INTERSIL-EvaluationBoard Datasheet
657Kb / 16P
   1.5A, Rad Hard, Positive, High Voltage LDO
More results

Similar Description - EVALU8R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
   Surge Suppressor- State of the art protection for every application
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
   State-of-the-Art SMT Design Industry Standard
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
   State-of-the-Art, High Brightness Chip Technology
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
   Authentication, state-of-the-art security for peripherals and IoT devices
December 2019 Rev 1
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
   STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
List of Unclassifed Man...
TRR2A12F ETC1-TRR2A12F Datasheet
159Kb / 2P
   Miniature, cost-efective switching solution,,state of the art capsule designs
logo
Alpha & Omega Semicondu...
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
logo
Microchip Technology
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com