Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 52Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 53Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 54Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 55Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 56Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 57Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
Solomon Systech
Jan 2010
P 54/93
Rev 1.1
SSD1963
9.45 set_pwm_conf
Command
0xBE
Parameters
6
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
0
1
1
1
1
1
0
BE
Parameter 1
1
PWMF7 PWMF6 PWMF5 PWMF4 PWMF3 PWMF2 PWMF1 PWMF0
xx
Parameter 2
1
PWM7
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
xx
Parameter 3
1
0
0
0
0
C3
0
0
C0
xx
Parameter 4
1
D7
D6
D5
D4
D3
D2
D1
D0
xx
Parameter 5
1
E7
E6
E5
E4
E3
E2
E1
E0
xx
Parameter 6
1
0
0
0
0
F3
F2
F1
F0
xx
Description
Set the PWM configuration
PWMF[7:0] : Set the PWM frequency in system clock (POR = 00000000)
PWM signal frequency = PLL clock / (256 * PWMF[7:0]) / 256
PWM[7:0] : Set the PWM duty cycle (POR = 00000000)
PWM duty cycle = PWM[7:0] / 256 for DBC disable (0xD0] A0 = 0
If DBC enable (0xD0] A0 = 1, these parameter will be ignored
Note : PWM always 0 if PWM[7:0] = 00h
Figure 9-19: PWM signal
PWM[7:0]/256 * Period
PWM
Period = 1/ PWM Freq
C[3] : PWM configuration (POR = 0)
0
PWM controlled by host
1
PWM controlled by DBC
C[0] : PWM enable (POR = 0)
0
PWM disable
1
PWM enable
D[7:0] : DBC manual brightness (POR = 00000000)
Set the manual brightness level. When Manual Brightness Mode (0xD0) A[6] is enabled, the final DBC duty cycle
output will be multiplied by this value / 255.
PWM duty cycle = DBC output * D[7:0] / 255
00
Dimmest
FF
brightest
E[7:0] : DBC minimum brightness (POR = 00000000)
Set the minimum brightness level. WhenManual Brightness Mode (0xD0) A[6] is enabled, DBC duty cycle output will
be limited by this value. This will prevent from backlight being too dark or off.
00
Dimmest
FF
Brightest


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com