Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
SSD1963
Rev 1.1
P 13/93
Jan 2010
Solomon Systech
6
PIN DESCRIPTIONS
Key:
I = Input
O =Output
IO = Bi-directional (input/output)
P = Power pin
Hi-Z = High impedance
Table 6-1: MCU Interface Pin Mapping
Pin Name
Type
Reference
Voltage
Level
TFBGA
Pin #
LQFP
Pin #
Description
CLK
I
VDDIO
F9
15
TTL clock input. This pin should be tied to VSS if
TTL clock input is not used
XTAL_IN
I
-
C9
22
Crystal oscillator input. This pin should be tied to
VSS if not used
XTAL_OUT
O
-
B9
24
Crystal oscillator output. This pin should be floating
if not used
CS#
I
VDDIO
H7
123
Chip select
D/C#
I
VDDIO
G7
122
Data/Command select
E(RD#)
I
VDDIO
F7
121
6800 mode: E (enable signal)
8080 mode: RD# (read strobe signal)
R/W#(WR#)
I
VDDIO
E7
120
6800 mode: R/W#
0: Write cycle
1: Read cycle
8080 mode: WR# (write strobe signal)
D[23:0]
IO
VDDIO
E8, F4, F8,
G1, G2, G3,
G4, G5, G6,
G8, G9, H1,
H2, H3, H4,
H5, H6, H9,
J1, J2,J3, J4,
J5, J6
7, 8, 9, 10,
11, 87, 88,
89, 90, 91,
92, 98, 99,
103, 104,
105, 106,
107, 111,
112, 113,
114, 115, 116
Data bus. Pins not used should be floating
TE
O
VDDLCD
A5
50
Tearing effect


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com