Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 75Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 76Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 77Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 78Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 79Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 80Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 81Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 82Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
SSD1963
Rev 1.1
P 79/93
Jan 2010
Solomon Systech
10 MAXIMUM RATINGS
Table 10-1: Maximum Ratings (Voltage Referenced to VSS)
Symbol
Parameter
Value
Unit
VDDD
Digital Core power supply
-0.5 to 1.8
V
VDDPLL
PLL power supply
-0.5 to 1.8
V
VDDLCD
LCD Interface power supply
-0.5 to 4.6
V
VDDIO
I/O power supply
-0.5 to 4.6
V
VIN
Input Voltage
-0.5 to 4.6
V
VOUT
Output Voltage
-0.5 to 4.6
V
TSOL
Solder Temperature / Time
225 for 40 sec max at solder ball
oC
TSTG
Storage temperature
-45 to 125
oC
TA
Operating temperature
-30 to 85
oC
Maximum ratings are those values beyond which damages to the device may occur. Functional operation should be restricted to the
limits in the Electrical Characteristics tables or Pin Description section
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised
that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance
circuit. For proper operation it is recommended that VIN and VOUT be constrained to the range VSS < (VIN or VOUT) < VDDIO. Reliability
of operation is enhanced if unused input is connected to an appropriate logic voltage level (e.g., either VSS or VDDIO). Unused outputs
must be left open. This device may be light sensitive. Caution should be taken to avoid exposure of this device to any light source
during normal operation. This device is not radiation protected.
11 RECOMMENDED OPERATING CONDITIONS
Table 11-1: Recommended Operating Condition
Symbol
Parameter
Min
Typ
Max
Unit
VDDD
Digital Core power supply
1.10
1.2
1.30
V
VDDPLL
PLL power supply
1.10
1.2
1.30
V
VDDLCD
LCD Interface power supply
1.65
3.3
3.6
V
VDDIO
I/O power supply
1.65
3.3
3.6
V
11.1 Power-up sequence
Figure 11-1: Power-up Sequence
Note
Clock reference is only applicable when CLK is used.


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com