Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
SSD1963
Rev 1.1
P 7/93
Jan 2010
Solomon Systech
FIGURES
FIGURE 4-1: SSD1963 BLOCK DIAGRAM ..............................................................................................................................9
FIGURE 5-1: PINOUT DIAGRAM –TFBGA (TOPVIEW).........................................................................................................10
FIGURE 5-2 : PINOUT DIAGRAM – LQFP (TOPVIEW) ...........................................................................................................11
FIGURE 7-1: RELATIONSHIP BETWEEN TEARING EFFECT SIGNAL AND MCU MEMORY WRITING........................................18
FIGURE 7-2: CLOCK CONTROL DIAGRAM ............................................................................................................................19
FIGURE 7-3: STATE DIAGRAM OF SSD1963.........................................................................................................................20
FIGURE 9-1: EXIT INVERT MODE EXAMPLE ..........................................................................................................................28
FIGURE 9-2: ENTER INVERT MODE EXAMPLE .......................................................................................................................29
FIGURE 9-3: SET COLUMN ADDRESS EXAMPLE ...................................................................................................................30
FIGURE 9-4: SET PAGE ADDRESS EXAMPLE .........................................................................................................................31
FIGURE 9-5: SET PARTIAL AREA WITH SET ADDRESS MODE 0X36 A[4] = 0........................................................................33
FIGURE 9-6: SET PARTIAL AREA WITH SET ADDRESS MODE 0X36 A[4] = 1........................................................................33
FIGURE 9-7: SET PARTIAL AREA WITH SET ADDRESS MODE 0X36 A[4] = 0........................................................................33
FIGURE 9-8: SET PARTIAL AREA WITH SET ADDRESS MODE 0X36 A[4] = 1........................................................................33
FIGURE 9-9: SET SCROLL AREA WITH SET ADDRESS MODE 0X36 A[4] = 0 .........................................................................35
FIGURE 9-10: SET SCROLL AREA WITH SET ADDRESS MODE 0X36 A[4] = 1 .......................................................................35
FIGURE 9-11: A[7] PAGE ADDRESS ORDER .........................................................................................................................37
FIGURE 9-12: A[6] COLUMN ADDRESS ORDER....................................................................................................................37
FIGURE 9-13: A[5] PAGE / COLUMN ADDRESS ORDER ........................................................................................................37
FIGURE 9-14: A[3] RGB ORDER..........................................................................................................................................38
FIGURE 9-15: A[1] FLIP HORIZONTAL .................................................................................................................................38
FIGURE 9-16: A[0] FLIP VERTICAL......................................................................................................................................39
FIGURE 9-17: SET SCROLL START WITH SET ADDRESS MODE, 0X36 A[4] = 0.....................................................................39
FIGURE 9-18: SET SCROLL START WITH SET ADDRESS MODE, 0X36 A[4] = 1.....................................................................40
FIGURE 9-19: PWM SIGNAL ................................................................................................................................................54
FIGURE 11-1: POWER-UP SEQUENCE ...................................................................................................................................79
FIGURE 13-1: PARALLEL 6800-SERIES INTERFACE TIMING DIAGRAM (USE CS# AS CLOCK)...............................................81
FIGURE 13-2: PARALLEL 6800-SERIES INTERFACE TIMING DIAGRAM (USE E AS CLOCK) ...................................................82
FIGURE 13-3: PARALLEL 8080-SERIES INTERFACE TIMING DIAGRAM (WRITE CYCLE) .......................................................83
FIGURE 13-4: PARALLEL 8080-SERIES INTERFACE TIMING DIAGRAM (READ CYCLE).........................................................84
FIGURE 13-5: GENERIC TFT PANEL TIMING........................................................................................................................85
FIGURE 13-6: SERIAL RGB INTERFACE TIMING (WITHOUT DUMMY MODE).........................................................................86
FIGURE 13-7: SERIAL RGB INTERFACE TIMING (WITH DUMMY MODE) ...............................................................................87
FIGURE 14-1 : APPLICATION CIRCUIT FOR SSD1963 (WITH DIRECT CLOCK INPUT).............................................................88
FIGURE 14-2 : APPLICATION CIRCUIT FOR SSD1963 (WITH CRYSTAL OSCILLATOR INPUT) .................................................89


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com