Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 56Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 57Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 58Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 59Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 60Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 61Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 62Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 63Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
Solomon Systech
Jan 2010
P 60/93
Rev 1.1
SSD1963
9.50 get_lcd_gen1
Command
0xC3
Parameters
7
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
1
0
0
0
0
1
1
C3
Parameter 1
1
A7
0
0
0
0
0
0
0
xx
Parameter 2
1
0
0
0
0
0
GF110
GF19
GF18
xx
Parameter 3
1
GF17
GF16
GF15
GF14
GF13
GF12
GF11
GF10
xx
Parameter 4
1
0
0
0
0
0
GR110
GR19
GR18
xx
Parameter 5
1
GR17
GR16
GR15
GR14
GR13
GR12
GR11
GR10
xx
Parameter 6
1
F7
F6
F5
F4
F3
GP110
GP19
GP18
xx
Parameter 7
1
GP17
GP16
GP15
GP14
GP13
GP12
GP11
GP10
xx
Description
Get the rise, fall, period and toggling properties of LCD signal generator 1
A[7] : Reset LCD generator 1 at every frame start
0
The generator 1 will not reset in the starting point of a frame
1
The generator 1 will reset in the starting point of a frame
GF1[10:8] : The highest 3 bits of the generator 1 falling position (POR = 000)
GF1[7:0] : The lower byte of the generator 1 falling position (POR = 00000001)
GR1[10:8] : The highest 3 bits of the generator 1 rising position (POR = 000)
GR1[7:0] : The lower byte of the generator 1 rising position (POR = 00000000)
F[7] : Force the generator 1 output to 0 in non-display period
0
generator 1 is normal
1
generator 1 output is forced to 0 in non-display period
F[6:5] : Force the generator 1 output to 0 in odd or even lines
00
generator 1 is normal in both odd and even lines
01
generator 1 output is force to 0 in odd lines
10
generator 1 output is force to 0 in even lines
11
generator 1 is normal in both odd and even line
F[4:3] : Generator 1 toggle mode
00
Disable
01
Toggle by pixel clock (LSHIFT)
10
Toggle by Line (LLINE)
11
Toggle by Frame (LFRAME)
GP1[10:8] : The highest 3 bits of the generator 1 period (POR = 100)
GP1[7:0] : The lower byte of the generator 1 period (POR = 00000000)


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
LCD Dot Matrix Graphics Display Controller
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
Analog LCD Display Controller
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
logo
Bolymin, Inc
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
Display Embedded System
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
Display Embedded System
logo
Epson Company
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
Embedded 80K byte SRAM display buffer.
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
LCD Display PID Control Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com