Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
Solomon Systech
Jan 2010
P 6/93
Rev 1.1
SSD1963
TABLES
TABLE 3-1: ORDERING INFORMATION ...................................................................................................................................8
TABLE 5-1: TFBGA PIN ASSIGNMENT TABLE.....................................................................................................................10
TABLE 5-2 : LQFP PIN ASSIGNMENT TABLE .......................................................................................................................12
TABLE 6-1: MCU INTERFACE PIN MAPPING........................................................................................................................13
TABLE 6-2: LCD INTERFACE PIN MAPPING.........................................................................................................................14
TABLE 6-3: CONTROL SIGNAL PIN MAPPING.......................................................................................................................14
TABLE 6-4: POWER PIN MAPPING........................................................................................................................................14
TABLE 6-5 : LCD INTERFACE PIN MAPPING ........................................................................................................................15
TABLE 7-1: PIXEL DATA FORMAT .......................................................................................................................................17
TABLE 7-2: FRAME BUFFER SETTINGS REGARDING TO SET_ADDRESS_MODE COMMAND ....................................................19
TABLE 9-1 ENTER IDLE MODE MEMORY CONTENT VS DISPLAY COLOR ...............................................................................41
TABLE 10-1: MAXIMUM RATINGS (VOLTAGE REFERENCED TO VSS) ...................................................................................79
TABLE 11-1: RECOMMENDED OPERATING CONDITION........................................................................................................79
TABLE 12-1 : DC CHARACTERISTICS ...................................................................................................................................80
TABLE 13-1 : CLOCK INPUT REQUIREMENTS FOR CLK .......................................................................................................80
TABLE 13-2 : CLOCK INPUT REQUIREMENTS FOR CRYSTAL OSCILLATOR XTAL .................................................................80
TABLE 13-3: PARALLEL 6800-SERIES INTERFACE TIMING CHARACTERISTICS (USE CS# AS CLOCK)...................................81
TABLE 13-4: PARALLEL 6800-SERIES INTERFACE TIMING CHARACTERISTICS (USE E AS CLOCK) .......................................82
TABLE 13-5: PARALLEL 8080-SERIES INTERFACE TIMING CHARACTERISTICS.....................................................................83


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
LCD Dot Matrix Graphics Display Controller
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
Analog LCD Display Controller
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
logo
Bolymin, Inc
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
Display Embedded System
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
Display Embedded System
logo
Epson Company
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
Embedded 80K byte SRAM display buffer.
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
LCD Display PID Control Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com