Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
SSD1963
Rev 1.1
P 45/93
Jan 2010
Solomon Systech
A[5]
A[4]
A[3]
TFT FRC
TFT dithering
0
0
X
Disable
Disable
0
1
0
Disable
Enable
0
1
1
Enable
Disable
1
X
X
Disable
Disable
A[2] : LSHIFT polarity (POR = 0)
Set the dot clock pulse polarity.
0
Data latch in falling edge
1
Data latch in rising edge
A[1] : LLINE polarity (POR = 0)
Set the horizontal sync pulse polarity.
0
Active low
1
Active high
A[0] : LFRAME polarity (POR = 0)
Set the vertical sync pulse polarity.
0
Active low
1
Active high
B[6:5] : TFT type (POR = 01)
00, 01
TFT mode
10
Serial RGB mode
11
Serial RGB+dummy mode
HDP [10:8] : High byte of the horizontal panel size (POR = 010)
HDP [7:0] : Low byte of the horizontal panel size (POR = 01111111)
Horizontal panel size = (HDP + 1) pixels
VDP [10:8] : High byte of the vertical panel size (POR = 001)
VDP [7:0] : Low byte of the vertical panel size (POR = 11011111)
Vertical panel size = (VDP + 1) lines
G[5:3] : Even line RGB sequence for serial TFT interface (POR = 000)
000
RGB
001
RBG
010
GRB
011
GBR
100
BRG
101
BGR
11x
Reserved
G[2:0] : Odd line RGB sequence for serial TFT interface (POR = 000)
000
RGB
001
RBG
010
GRB
011
GBR
100
BRG
101
BGR
11x
Reserved


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com