Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
SSD1963
Rev 1.1
P 39/93
Jan 2010
Solomon Systech
A[0] : Flip Vertical (POR = 0)
This bit flips the image shown on the display panel top to bottom. No change is made to the frame buffer.
0
Normal
1
Flipped
Figure 9-16: A[0] Flip Vertical
A[0]=0,
A[4]=A[2]=A[1]=0
A[0]=1,
A[4]=A[2]=A[1]=0
Frame Buffer
Display Panel
Frame Buffer
Display Panel
1
1
1
n
n
n
n
1
1
m
1
m
1
m
1
m
9.25 set_scroll_start
Command
0x37
Parameters
2
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
1
0
1
1
1
37
Parameter 1
1
VSP15
VSP14
VSP13
VSP12
VSP11
VSP10
VSP9
VSP8
xx
Parameter 2
1
VSP7
VSP6
VSP5
VSP4
VSP3
VSP2
VSP1
VSP0
xx
Description
This command sets the start of the vertical scrolling area in the frame buffer. The vertical scrolling area is fully defined
when this command is used with the set_scroll_area (0x33).
VSP[15:8] : High byte of the line number in frame buffer that is written to the display as the first line of the vertical
scrolling area (POR = 00000000)
VSP[7:0] : Low byte of the line number in frame buffer that is written to the display as the first line of the vertical
scrolling area (POR = 00000000)
If set_address_mode (0x36) A[4] = 0:
Example:
When Top Fixed Area = Bottom Fixed Area = 0, Vertical Scrolling Area = YY and VSP = 3.
Figure 9-17: Set Scroll Start with set_address_mode (0x36) A[4] = 0
Frame Buffer
Display Panel
(0,0)
VSP[15:0]
VSP[15:0]
(0,YY-1)
(0,0)
(0,YY-1)


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com