Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
SSD1963
Rev 1.1
P 37/93
Jan 2010
Solomon Systech
Figure 9-11: A[7] Page Address Order
A[7]=0,
A[6]=A[5]=0,A[3]=x
A[7]=1,
A[6]=A[5]=0,A[3]=x
Host
Frame Buffer
Host
Frame Buffer
SP
SP
SP
EP
EP
EP
EP
SP
SC
EC
SC
EC
SC
EC
SC
EC
A[6] : Column address order (POR = 0)
This bit controls the order that columns of data are transferred from the host processor to the SSD1963’s frame buffer.
0
Left to right, columns transferred from SC (Start Column) to EC (End Column).
1
Right to left, columns transferred from EC (End Column) to SC (Start Column).
Figure 9-12: A[6] Column Address Order
A[6]=0,
A[7]=A[5]=0,A[3]=x
A[6]=1,
A[7]=A[5]=0,A[3]=x
Host
Frame Buffer
Host
Frame Buffer
SP
SP
SP
SP
EP
EP
EP
EP
SC
EC
SC
EC
SC
EC
EC
SC
A[5] : Page / Column order (POR = 0)
This bit controls the order that columns of data are transferred from the host processor to the SSD1963’s frame buffer.
0
Normal mode
1
Reverse mode
Figure 9-13: A[5] Page / Column Address Order
A[5]=0,
A[7]=A[6]=0,A[3]=x
A[5]=1,
A[7]=A[6]=0,A[3]=x
Host
Frame Buffer
Host
Frame Buffer
SP
SP
SP
SC
EP
EP
EP
EC
SC
EC
SC
EC
SC
EC
SP
EP


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com