Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
SSD1963
Rev 1.1
P 35/93
Jan 2010
Solomon Systech
Figure 9-9: Set Scroll Area with set_address_mode (0x36) A[4] = 0
(0,0)
Top Fixed Area
TFA[15:0]
First line read from memory
VSA[15:0]
BFA[15:0]
Bottom Fixed Area
If set_address_mode (0x36) A[4] = 1 :
The TFA[15:0], describes the Top Fixed Area in number of lines from the bottom of the frame buffer. The bottom of the
frame buffer and bottom of the display panel are aligned.
The VSA[15:0] describes the height of the Vertical Scrolling Area in number of lines of frame buffer from the Vertical
Scrolling Start Address. The first line of the Vertical Scrolling Area starts immediately after the top most line of the Top
Fixed Area. The last line of the Vertical Scrolling Area ends immediately before the bottom most line of the Bottom
Fixed Area.
The BFA[15:0] describes the Bottom Fixed Area in number of lines from the top of the frame buffer. The top of the
frame buffer and top of the display panel are aligned.
TFA, VSA and BFA refer to the Frame Buffer Line Pointer.
Figure 9-10: Set Scroll Area with set_address_mode (0x36) A[4] = 1
(0,0)
Bottom Fixed Area
BFA[15:0]
VSA[15:0]
First line read from memory
TFA[15:0]
Top Fixed Area
Note :
The sum of TFA, VSA and BFA must equal the number of the display panel’s horizontal lines (pages), otherwise
Scrolling mode is undefined.
In Vertical Scroll Mode, set_address_mode (0x36) A[5] should be set to ‘0’ – this only affects the Frame Buffer Write.


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com