Electronic Components Datasheet Search |
|
SSD1963 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers |
|
|
SSD1963 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers |
34 / 93 page Solomon Systech Jan 2010 P 34/93 Rev 1.1 SSD1963 Partial Area SR[15:0] ER[15:0] Partial Area 9.21 set_scroll_area Command 0x33 Parameters 6 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 1 1 0 0 1 1 33 Parameter 1 1 TFA15 TFA14 TFA13 TFA12 TFA11 TFA10 TFA9 TFA8 xx Parameter 2 1 TFA7 TFA6 TFA5 TFA4 TFA3 TFA2 TFA1 TFA0 xx Parameter 3 1 VSA15 VSA14 VSA13 VSA12 VSA11 VSA10 VSA9 VSA8 xx Parameter 4 1 VSA7 VSA6 VSA5 VSA4 VSA3 VSA2 VSA1 VSA0 xx Parameter 5 1 BFA15 BFA14 BFA13 BFA12 BFA11 BFA10 BFA9 BFA8 xx Parameter 6 1 BFA7 BFA6 BFA5 BFA4 BFA3 BFA2 BFA1 BFA0 xx Description Defines the vertical scrolling and fixed area on display area TFA[15:8] : High byte of Top Fixed Area number in lines from the top of the frame buffer (POR = 00000000) TFA[7:0] : Low byte of Top Fixed Area number in lines from the top of the frame buffer (POR = 00000000) VSA[15:8] : High byte of Vertical scrolling area in number of lines of the frame buffer (POR = 00000000) VSA[7:0] : Low byte of Vertical scrolling area in number of lines of the frame buffer (POR = 00000000) BFA[15:8] : High byte of Bottom Fixed Area in number of lines from the bottom of the frame buffer (POR = 00000000) BFA[7:0] : Low byte of Bottom Fixed Area in number of lines from the bottom of the frame buffer (POR = 00000000) If set_address_mode (0x36) A[4] = 0 : The TFA[15:0] describes the Top Fixed Area in number of lines from the top of the frame buffer. The top of the frame buffer and top of the display panel are aligned. The VSA[15:0] describes the height of the Vertical Scrolling Area in number of lines of frame buffer from the Vertical Scrolling Start Address. The first line of the Vertical Scrolling Area starts immediately after the bottom most line of the Top Fixed Area. The last line of the Vertical Scrolling Area ends immediately before the top most line of the Bottom Fixed Area. The BFA[15:0] describes the Bottom Fixed Area in number of lines from the bottom of the frame buffer. The bottom of the frame buffer and bottom of the display panel are aligned. TFA, VSA and BFA refer to the Frame Buffer Line Pointer. |
Similar Part No. - SSD1963 |
|
Similar Description - SSD1963 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |