Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
SSD1963
Rev 1.1
P 31/93
Jan 2010
Solomon Systech
SP[15:8] : Start page (row) number high byte (POR = 00000000)
SP[7:0] : Start page (row) number low byte (POR = 00000000)
EP[15:8] : End page (row) number high byte (POR = 00000000)
EP[7:0] : End page (row) number low byte (POR = 00000000)
Note : SP[15:0] must always be equal to or less than EP[15:0]
Figure 9-4: Set Page Address example
SP[15:0]
EP[15:0]
9.18 write_memory_start
Command
0x2C
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
0
1
1
0
0
2C
Description
Transfer image information from the host processor interface to the SSD1963 starting at the location provided by
set_column _address (0x2A) and set _page_address (0x2B).
If set_address_mdoe (0x36) A[5] = 0:
The column and page address are reset to the Start Column (SC) and Start Page (SP), respectively.
Pixel Data 1 is stored in frame buffer at (SC, SP). The column address is then incremented and pixels are written to the
frame buffer until the column address equals the End Column (EC) value. The column address is then reset to SC and the
page address is incremented. Pixels are written to the frame buffer until the page address equals the End Page (EP) value
and the column address equals the EC value, or the host processor sends another command. If the number of pixels
exceeds (EC – SC + 1) * (EP – SP + 1) the extra pixels are ignored.
If set_address_mode (0x36) A[5] = 1:
The column and page address are reset to the Start Column (SC) and Start Page (SP), respectively.
Pixel Data 1 is stored in frame buffer at (SC, SP). The page address is then incremented and pixels are written to the
frame buffer until the page address equals the End Page (EP) value. The page address is then reset to SP and the column
address is incremented. Pixels are written to the frame buffer until the column address equals the End column (EC) value
and the page address equals the EP value, or the host processor sends another command. If the number of pixels exceeds
(EC – SC + 1) * (EP – SP + 1) the extra pixels are ignored.


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com