Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
SSD1963
Rev 1.1
P 25/93
Jan 2010
Solomon Systech
1
Display normal mode on (partial mode and vertical scroll off)
A[2] : Display on/off (POR = 0)
0
Display is off
1
Display is on
9.4
get_address_mode
Command
0x0B
Parameters
1
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
0
0
1
0
1
1
0B
Parameter 1
1
A7
A6
A5
A4
A3
A2
0
0
xx
Description
Get the frame buffer to the display panel read order
A[7] : Page address order (POR = 0)
0
Top to bottom
1
Bottom to top
A[6] : Column address order (POR = 0)
0
Left to right
1
Right to left
A[5] : Page / Column order (POR = 0)
0
Normal mode
1
Reverse mode
A[4] : Line address order (POR = 0)
0
LCD refresh top to bottom
1
LCD refresh bottom to top
A[3] : RGB / BGR order (POR = 0)
0
RGB
1
BGR
A[2] : Display data latch data (POR = 0)
0
LCD refresh left to right
1
LCD refresh right to left
9.5
get_display_mode
Command
0x0D
Parameters
1
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
0
0
1
1
0
1
0D
Parameter 1
1
A7
0
A5
0
0
A2
A1
A0
xx
Description
Get the Display Image Mode status.
A[7] : Vertical scrolling on/off (POR = 0)
0
Vertical scrolling is off


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com