Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
SSD1963
Rev 1.1
P 15/93
Jan 2010
Solomon Systech
Table 6-5 : LCD Interface Pin Mapping
Pin Names
24-bit
18-bit
8-bit serial
LFRAME
FRAME
LLINE
LINE
LSHIFT
SHIFT
LDEN
DEN
LDATA23
R7
Drive 0
Drive 0
LDATA22
R6
Drive 0
Drive 0
LDATA21
R5
Drive 0
Drive 0
LDATA20
R4
Drive 0
Drive 0
LDATA19
R3
Drive 0
Drive 0
LDATA18
R2
Drive 0
Drive 0
LDATA17
R1
R5
Drive 0
LDATA16
R0
R4
Drive 0
LDATA15
G7
R3
Drive 0
LDATA14
G6
R2
Drive 0
LDATA13
G5
R1
Drive 0
LDATA12
G4
R0
Drive 0
LDATA11
G3
G5
Drive 0
LDATA10
G2
G4
Drive 0
LDATA9
G1
G3
Drive 0
LDATA8
G0
G2
Drive 0
LDATA7
B7
G1
D7
LDATA6
B6
G0
D6
LDATA5
B5
B5
D5
LDATA4
B4
B4
D4
LDATA3
B3
B3
D3
LDATA2
B2
B2
D2
LDATA1
B1
B1
D1
LDATA0
B0
B0
D0
Note
(1) These pin mappings use signal names commonly used for each panel type, however signal names
may differ between panel manufacturers.


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com