Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Solomon Systech
Jan 2010
P 14/93
Rev 1.1
SSD1963
Table 6-2: LCD Interface Pin Mapping
Pin Name
Type
Reference
Voltage
Level
TFBGA
Pin #
LQFP
Pin #
Description
LFRAME
O
VDDLCD
D6
43
Vertical sync (Frame pulse)
LLINE
O
VDDLCD
B6
44
Horizontal sync (Line pulse)
LSHIFT
O
VDDLCD
A6
45
Pixel clock (Pixel shift signal)
LDEN
O
VDDLCD
C6
49
Data valid
LDATA[23:0]
O
VDDLCD
A2, A3, B2,
B3, B8, C2,
C3, C4, C5,
C7, C8, D2,
D3, D4, D5,
D7, D8, E1,
E2, E3, E4,
F1, F2, F3
28, 29, 30,
31, 35, 59,
60, 61, 62,
63, 67, 68,
69, 70, 71,
72, 76, 77,
78, 79, 80,
81, 85, 86
RGB data
GPIO[3:0]
IO
VDDLCD
A7, A8, A9,
B7
36, 37, 38, 39
These pins can be configured for display
miscellaneous signals or as general purpose I/O.
Default as input
GAMAS [1:0]
O
VDDLCD
A4, B4
52, 53
Gamma selection for panel
PWM
O
VDDLCD
B5
51
PWM output for backlight driver
Table 6-3: Control Signal Pin Mapping
Pin Name
Type
Reference
Voltage
Level
TFBGA
Pin #
LQFP
Pin #
Description
RESET#
I
VDDIO
J7
127
Master synchronize reset
CONF
I
VDDIO
H8
128
MCU interface configuration
0: 6800 Interface
1: 8080 Interface
Table 6-4: Power Pin Mapping
Pin Name
Type
TFBGA
Pin #
LQFP
Pin #
Description
VDDD
P
E6, F6
1, 6, 14, 21, 25, 32,
40, 46, 56, 64, 73, 82,
93, 102, 110, 119, 126
Power supply for internal digital circuit
VDDLCD
P
B1, C1
27, 34, 42, 48, 54, 58,
66, 75, 84
Power supply for LCD interface related pads
VDDPLL
P
E9
18
Power supply for internal analog circuit and
analog I/O pads
VDDIO
P
J9
4, 12, 16,
95, 97, 100, 108, 117,
124
Power supply for digital I/O pads
VSS
P
D1, E5, F5, J8
2, 3, 5, 13, 17, 20, 23,
26, 33, 41, 47, 55, 57,
65, 74, 83, 94, 96,
101, 109, 118, 125
Ground for internal digital circuit
VSSPLL
P
D9
19
Ground for internal analog circuit and analog I/O
pads


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com