Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
Solomon Systech
Jan 2010
P 12/93
Rev 1.1
SSD1963
Table 5-2 : LQFP Pin Assignment Table
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
1
VDDD
33
VSS
65
VSS
97
VDDIO
2
VSS
34
VDDLCD
66
VDDLCD
98
D17
3
VSS
35
LDATA17
67
LDATA11
99
D16
4
VDDIO
36
GPIO0
68
LDATA10
100
VDDIO
5
VSS
37
GPIO1
69
LDATA9
101
VSS
6
VDDD
38
GPIO2
70
LDATA8
102
VDDD
7
D0
39
GPIO3
71
LDATA7
103
D15
8
D1
40
VDDD
72
LDATA6
104
D14
9
D2
41
VSS
73
VDDD
105
D13
10
D3
42
VDDLCD
74
VSS
106
D12
11
D4
43
LFRAME
75
VDDLCD
107
D11
12
VDDIO
44
LLINE
76
LDATA5
108
VDDIO
13
VSS
45
LSHIFT
77
LDATA4
109
VSS
14
VDDD
46
VDDD
78
LDATA3
110
VDDD
15
CLK
47
VSS
79
LDATA2
111
D10
16
VDDIO
48
VDDLCD
80
LDATA1
112
D9
17
VSS
49
LDEN
81
LDATA0
113
D8
18
VDDPLL
50
TE
82
VDDD
114
D7
19
VSSPLL
51
PWM
83
VSS
115
D6
20
VSS
52
GAMAS0
84
VDDLCD
116
D5
21
VDDD
53
GAMAS1
85
LDATA19
117
VDDIO
22
XTAL_IN
54
VDDLCD
86
LDATA18
118
VSS
23
VSS
55
VSS
87
D19
119
VDDD
24
XTAL_OUT
56
VDDD
88
D18
120
R/W#(WR#)
25
VDDD
57
VSS
89
D23
121
E(RD#)
26
VSS
58
VDDLCD
90
D22
122
D/C#
27
VDDLCD
59
LDATA16
91
D21
123
CS#
28
LDATA23
60
LDATA15
92
D20
124
VDDIO
29
LDATA22
61
LDATA14
93
VDDD
125
VSS
30
LDATA21
62
LDATA13
94
VSS
126
VDDD
31
LDATA20
63
LDATA12
95
VDDIO
127
RESET#
32
VDDD
64
VDDD
96
VSS
128
CONF


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com