Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
SSD1963
Rev 1.1
P 11/93
Jan 2010
Solomon Systech
5.2
128 pins LQFP
Figure 5-2 : Pinout Diagram – LQFP (Topview)
VDDD
1
96
VSS
VSS
2
95
VDDIO
VSS
3
94
VSS
VDDIO
4
93
VDDD
VSS
5
92
D20
VDDD
6
91
D21
D0
7
90
D22
D1
8
89
D23
D2
9
88
D18
D3
10
87
D19
D4
11
86
LDATA18
VDDIO
12
85
LDATA19
VSS
13
84
VDDLCD
VDDD
14
83
VSS
CLK
15
82
VDDD
VDDIO
16
81
LDATA0
VSS
17
80
LDATA1
VDDPLL
18
79
LDATA2
VSSPLL
19
78
LDATA3
VSS
20
77
LDATA4
VDDD
21
76
LDATA5
XTAL_IN
22
75
VDDLCD
VSS
23
74
VSS
XTAL_OUT
24
73
VDDD
VDDD
25
72
LDATA6
VSS
26
71
LDATA7
VDDLCD
27
70
LDATA8
LDATA23
28
69
LDATA9
LDATA22
29
68
LDATA10
LDATA21
30
67
LDATA11
LDATA20
31
66
VDDLCD
VDDD
32
65
VSS
SSD1963


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com