Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1963 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Solomon Systech
Jan 2010
P 10/93
Rev 1.1
SSD1963
5
PIN ARRANGEMENT
5.1
80 balls TFBGA
Figure 5-1: Pinout Diagram –TFBGA (Topview)
Table 5-1: TFBGA Pin Assignment Table
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
A1
-
C1
VDDLCD
E1
LDATA4
G1
D[22]
J1
D[20]
A2
LDATA16
C2
LDATA12
E2
LDATA3
G2
D[23]
J2
D[16]
A3
LDATA15
C3
LDATA11
E3
LDATA2
G3
D[18]
J3
D[14]
A4
GAMAS1
C4
LDATA10
E4
LDATA1
G4
D[13]
J4
D[11]
A5
TE
C5
LDATA9
E5
VSS
G5
D[10]
J5
D[8]
A6
LSHIFT
C6
LDEN
E6
VDDD
G6
D[7]
J6
D[5]
A7
GPIO2
C7
LDATA17
E7
R/W# (WR#)
G7
D/C#
J7
RESET#
A8
GPIO1
C8
LDATA21
E8
D[4]
G8
D[2]
J8
VSS
A9
GPIO0
C9
XTAL_IN
E9
VDDPLL
G9
D[1]
J9
VDDIO
B1
VDDLCD
D1
VSS
F1
LDATA18
H1
D[21]
B2
LDATA14
D2
LDATA8
F2
LDATA19
H2
D[17]
B3
LDATA13
D3
LDATA7
F3
LDATA0
H3
D[15]
B4
GAMAS0
D4
LDATA6
F4
D[19]
H4
D[12]
B5
PWM
D5
LDATA5
F5
VSS
H5
D[9]
B6
LLINE
D6
LFRAME
F6
VDDD
H6
D[6]
B7
GPIO3
D7
LDATA23
F7
E(RD#)
H7
CS#
B8
LDATA20
D8
LDATA22
F8
D[3]
H8
CONF
B9
XTAL_OUT
D9
VSSPLL
F9
CLK
H9
D[0]


Similar Part No. - SSD1963

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1905QT2 ETC1-SSD1905QT2 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
More results

Similar Description - SSD1963

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
   LCD Display PID Control Temperature Controller
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com