Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10C135 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # 10C135
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

10C135 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  10C135 Datasheet HTML 1Page - Advanced Power Electronics Corp. 10C135 Datasheet HTML 2Page - Advanced Power Electronics Corp. 10C135 Datasheet HTML 3Page - Advanced Power Electronics Corp. 10C135 Datasheet HTML 4Page - Advanced Power Electronics Corp. 10C135 Datasheet HTML 5Page - Advanced Power Electronics Corp. 10C135 Datasheet HTML 6Page - Advanced Power Electronics Corp. 10C135 Datasheet HTML 7Page - Advanced Power Electronics Corp. 10C135 Datasheet HTML 8Page - Advanced Power Electronics Corp. 10C135 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
N-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
100
-
-
V
VGS=10V, ID=2A
-
-
135
mΩ
VGS=5V, ID=1A
-
-
250
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=2A
-
10
-
S
IDSS
Drain-Source Leakage Current
VDS=80V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=2A
-
11
17.6
nC
Qgs
Gate-Source Charge
VDS=50V
-
2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
2
-
nC
td(on)
Turn-on Delay Time
VDS=50V
-
7
-
ns
tr
Rise Time
ID=1A
-
4
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-16
-
ns
tf
Fall Time
VGS=10V
-
7
-
ns
Ciss
Input Capacitance
VGS=0V
-
600
960
pF
Coss
Output Capacitance
VDS=50V
-
35
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
25
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.8
3.6
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=1.5A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
IS=2A, VGS=0V
-
19
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
15
-
nC
2
AP10C135M
RDS(ON)
Static Drain-Source On-Resistance
2
.


Similar Part No. - 10C135

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
10C1 DELTA-10C1 Datasheet
102Kb / 2P
SCREW MOUNTING
10C1 DELTA-10C1 Datasheet
102Kb / 2P
SCREW MOUNTING
logo
Grayhill, Inc
10C1015-1 GRAYHILL-10C1015-1 Datasheet
464Kb / 3P
SEALED TERMINAL AND WIRE LEAD OPTIONS OPTION -E AND -EW
10C1015-1 GRAYHILL-10C1015-1 Datasheet
164Kb / 4P
Butt Contact Pushbutton Switches
10C1015-1 GRAYHILL-10C1015-1 Datasheet
79Kb / 1P
SPST and SPDT, 10 Amp Momentary Contact
More results

Similar Description - 10C135

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com