Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB9 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DB9
Description  Sure Cross짰 DB9 Splitter Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DB9 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DB9 Datasheet HTML 1Page - Banner Engineering Corp. DB9 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
A splitter cable with a 4-pin male trunk, one DB9 female branch, and one 5-pin Euro-
style male branch
• Connects a SureCross DX80 Gateway or MultiHop radio to a device's male,
RS-232 DB9 serial port
Models
Model
Trunk
Branches
Length
BWA-DRSPLITTER
4-pin Euro-style male
One DB9 Female and one 5-pin Euro-style
female
The trunk and each branch: 1 m
To be used with the DX80...C models, this adapter cable requires cable model MQDMC-401.
Specifications
Operating Parameters
Temperature: −40 °C to +80 °C (−40 °F to +176 °F)
Humidity: Up to 95% Non-condensing
Connectors
DB9 Female
4-pin Euro-style male
5-pin Euro-style female
Banner Compatible Devices
DX80G*, DX80DR*M-H, DX80DR*M-H* models.
Splitter Cable Wiring
4-pin M12/Euro-style Male
Pin No.
Wire Color
DX80 Wiring
1
4
3
2
1
Brown
10 to 30 V dc
2
White
3
Blue
dc common (GND)
4
Black
Do not apply power to the white (pin 2) or black (pin 4) connections.
5-pin M12/Euro-style Female
Pin No.
Wire Color
2
3
4
1
5
1
Brown
10 to 30 V dc
2
White
RS-232 Tx
3
Blue
dc common (GND)
4
Black
RS-232 Rx
5
Gray
Comms Gnd
Connecting power to the communication pins will cause permanent damage.
Sure Cross® DB9 Splitter Cable
Original Document
155284 Rev. B
28 August 2017
155284


Similar Part No. - DB9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB9 ETC2-DB9 Datasheet
485Kb / 3P
In-Line DB9 Surge Suppressor
logo
Tripp Lite. All Rights ...
DB9 TRIPPLITE-DB9 Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
logo
Novaris
DB9-RS232 NOVARIS-DB9-RS232 Datasheet
473Kb / 1P
RS Serial Port Protectors
DB9-RS485 NOVARIS-DB9-RS485 Datasheet
473Kb / 1P
RS Serial Port Protectors
logo
Future Technology Devic...
DB9-USB-F FTDI-DB9-USB-F Datasheet
712Kb / 27P
DB9-USB-RS232 Module Male & Female
More results

Similar Description - DB9

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
RS-485 BANNER-RS-485 Datasheet
108Kb / 2P
Sure Cross짰 RS-485 to USB Adapter Cable
BWA-USB1WIRE-001 BANNER-BWA-USB1WIRE-001 Datasheet
87Kb / 2P
Sure Cross짰 1-Wire Serial to USB Adapter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com