Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10195 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10195
Description  Hex Inverter/Buffer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10195 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10195 Datasheet HTML 1Page - ON Semiconductor MC10195 Datasheet HTML 2Page - ON Semiconductor MC10195 Datasheet HTML 3Page - ON Semiconductor MC10195 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10195
3–165
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
54
39
49
54
mAdc
Input Current
IinH
5
9
425
460
265
290
265
290
µAdc
IinL
5
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
–1.655
–1.630
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
t5+2–
t7–4+
t10+13+
t11–14–
t9–14–
2
4
13
14
14
1.1
1.1
1.1
1.1
1.1
4.2
4.2
4.2
4.2
5.2
1.1
1.1
1.1
1.1
1.1
2.8
2.8
2.8
2.8
3.8
4.0
4.0
4.0
4.0
5.0
1.1
1.1
1.1
1.1
1.1
4.4
4.4
4.4
4.4
5.4
Rise Time
(20 to 80%)
t2+
2
1.1
4.7
1.1
2.5
4.5
1.1
5.0
Fall Time
(20 to 80%)
t2–
2
1.1
4.7
1.1
2.5
4.5
1.1
5.0
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
5
9
5
9
8
8
1, 16
1, 16
IinL
5
5
8
1, 16
Output Voltage
Logic 1
VOH
2
8
1, 16
Output Voltage
Logic 0
VOL
2
9
8
1, 16
Threshold Voltage
Logic 1
VOHA
2
5
8
1, 16
Threshold Voltage
Logic 0
VOLA
2
5
8
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t5+2–
t7–4+
t10+13+
t11–14–
t9–14–
2
4
13
14
14
5
7
10
11
9
2
4
13
14
14
8
8
8
8
8
1, 16
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
2
5
2
8
1, 16
Fall Time
(20 to 80%)
t2–
2
5
2
8
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Similar Part No. - MC10195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10195 ONSEMI-MC10195 Datasheet
87Kb / 4P
   Hex Inverter/Buffer
January, 2002 ??Rev. 7
MC10195FN ONSEMI-MC10195FN Datasheet
87Kb / 4P
   Hex Inverter/Buffer
January, 2002 ??Rev. 7
MC10195L ONSEMI-MC10195L Datasheet
87Kb / 4P
   Hex Inverter/Buffer
January, 2002 ??Rev. 7
MC10195P ONSEMI-MC10195P Datasheet
87Kb / 4P
   Hex Inverter/Buffer
January, 2002 ??Rev. 7
MC10195 ONSEMI-MC10195_02 Datasheet
87Kb / 4P
   Hex Inverter/Buffer
January, 2002 ??Rev. 7
More results

Similar Description - MC10195

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
   Hex Inverter/Buffer
logo
ON Semiconductor
MC10195 ONSEMI-MC10195_02 Datasheet
87Kb / 4P
   Hex Inverter/Buffer
January, 2002 ??Rev. 7
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
   Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
   STROBED HEX INVERTER/BUFFER
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
STMicroelectronics
M74HC4049 STMICROELECTRONICS-M74HC4049 Datasheet
540Kb / 8P
   HEX BUFFER/CONVERTER (INVERTER)
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
   STROBED HEX INVERTER/BUFFER
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
   Strobed Hex Inverter/Buffer
logo
STMicroelectronics
M54HC4049 STMICROELECTRONICS-M54HC4049 Datasheet
248Kb / 11P
   HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com