Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10195 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10195
Description  Hex Inverter/Buffer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10195 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10195 Datasheet HTML 1Page - ON Semiconductor MC10195 Datasheet HTML 2Page - ON Semiconductor MC10195 Datasheet HTML 3Page - ON Semiconductor MC10195 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–164
REV 5
© Motorola, Inc. 1996
3/93
Hex Inverter/Buffer
The MC10195 is a Hex Buffer Inverter which is built using six EXCLUSIVE
NOR gates. There is a common input to these gates which when placed low or
left open allows them to act as inverters. With the common input connected to
a high logic level the MC10195 is a hex buffer, useful for high fanout clock
driving and reducing stub lengths on long bus lines.
PD = 200 mW typ/pkg (No Load)
tpd = 2.8 ns typ (B–Q)
tpd = 3.8 ns typ (A–Q)
tr, tf = 2.5 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
A
B
9
5
6
7
10
11
12
2
3
4
13
14
15
Q
TRUTH TABLE
Inputs
Output
A
B
Q
L
L
H
L
H
L
H
L
L
H
H
H
MC10195
DIP
PIN ASSIGNMENT
VCC1
Q1
Q2
Q3
B1
B2
B3
VEE
VCC2
Q6
Q5
Q4
B6
B5
B4
A
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–36 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


Similar Part No. - MC10195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10195 ONSEMI-MC10195 Datasheet
87Kb / 4P
Hex Inverter/Buffer
January, 2002 ??Rev. 7
MC10195FN ONSEMI-MC10195FN Datasheet
87Kb / 4P
Hex Inverter/Buffer
January, 2002 ??Rev. 7
MC10195L ONSEMI-MC10195L Datasheet
87Kb / 4P
Hex Inverter/Buffer
January, 2002 ??Rev. 7
MC10195P ONSEMI-MC10195P Datasheet
87Kb / 4P
Hex Inverter/Buffer
January, 2002 ??Rev. 7
MC10195 ONSEMI-MC10195_02 Datasheet
87Kb / 4P
Hex Inverter/Buffer
January, 2002 ??Rev. 7
More results

Similar Description - MC10195

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
STROBED HEX INVERTER/BUFFER
M54HC4049 STMICROELECTRONICS-M54HC4049 Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
Hex Inverter/Buffer
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
Strobed Hex Inverter/Buffer
logo
STMicroelectronics
M74HC4049 STMICROELECTRONICS-M74HC4049 Datasheet
540Kb / 8P
HEX BUFFER/CONVERTER (INVERTER)
logo
ON Semiconductor
MC10195 ONSEMI-MC10195_02 Datasheet
87Kb / 4P
Hex Inverter/Buffer
January, 2002 ??Rev. 7
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
Strobed Hex Inverter/Buffer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com