Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACAG0301-24505500-EVB Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACAG0301-24505500-EVB
Description  Dualband WiFi/Bluetooth Chip Antenna Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACAG0301-24505500-EVB Datasheet(HTML) 1 Page - Abracon Corporation

  ACAG0301-24505500-EVB Datasheet HTML 1Page - Abracon Corporation ACAG0301-24505500-EVB Datasheet HTML 2Page - Abracon Corporation ACAG0301-24505500-EVB Datasheet HTML 3Page - Abracon Corporation ACAG0301-24505500-EVB Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 08-20-19
Dualband WiFi/Bluetooth Chip Antenna Evaluation Board
90.0 x 50.0 mm
ACAG0301-24505500-EVB
Description
ACAG0301-24505500-EVB Evaluation boards are designed to provide a means to facilitate engineering
evaluation of the dual band Wi-Fi chip antenna : ACAG0801-24505500-T working at 2450 and 5500 MHz.
With a typical bandwidth of 100 MHz and 800 MHz in the respective frequency ranges, the chip can be
used for applications including but not limited to Wi-Fi, Bluetooth, BLE and ISM.
To evaluate the performance of antenna, calibrate the Vector Network analyzer (VNA) for the testing
frequency band and connect the evaluation board to the calibrated port using the given SMA connector on
the board.


Similar Part No. - ACAG0301-24505500-EVB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACAG0301-24505500-T ABRACON-ACAG0301-24505500-T Datasheet
8Mb / 6P
Dual band (2.4 GHz & 5.5 GHz) WiFi/Bluetooth Chip Antenna
06.21.2018
More results

Similar Description - ACAG0301-24505500-EVB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
logo
Pulse A Technitrol Comp...
W3715 PULSE-W3715 Datasheet
1Mb / 15P
2.4/5GHz Dualband WiFi SMT Antenna
logo
Unictron Technologies C...
H2U34W1H1Z0400 UNICTRON-H2U34W1H1Z0400 Datasheet
1Mb / 19P
WiFi/Bluetooth Ceramic Chip Antenna
logo
Abracon Corporation
ACAG0301-15752450-EVB ABRACON-ACAG0301-15752450-EVB Datasheet
1Mb / 4P
WiFi GPS Multiband Ceramic Chip Antenna Evaluation Board
08-20-19
ACAR0301-SW2-EVB ABRACON-ACAR0301-SW2-EVB Datasheet
716Kb / 4P
Dual Band WiFi Chip Antenna Evaluation Board
09-2-19
ACAR3005-C2WB-EVB ABRACON-ACAR3005-C2WB-EVB Datasheet
919Kb / 4P
LPWA/WiFi Ceramic Chip Antenna Evaluation Board
09-2-19
logo
Suzhou Maswell Communic...
AN_W_CA_2630_T05 MASWELL-AN_W_CA_2630_T05 Datasheet
474Kb / 7P
Maswell WiFi/Bluetooth 2.4/5.8GHz dualband Metal SMD Chip Antenna
AN_W_CA_3216_P01 MASWELL-AN_W_CA_3216_P01 Datasheet
677Kb / 7P
Maswell WiFi/Bluetooth Chip Antenna
AN_W_CA_5020_M01 MASWELL-AN_W_CA_5020_M01 Datasheet
573Kb / 7P
Maswell WiFi/Bluetooth Chip Antenna
logo
Abracon Corporation
ACR1004A-EVB ABRACON-ACR1004A-EVB Datasheet
1,021Kb / 3P
Evaluation Board - WiFi 6E Chip Antenna
10-13-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com