Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5256DFP-10VLL-I Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M5256DFP-10VLL-I
Description  262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5256DFP-10VLL-I Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M5256DFP-10VLL-I Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5256DFP-10VLL-I Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5256DFP-10VLL-I Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5256DFP-10VLL-I Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5256DFP-10VLL-I Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5256DFP-10VLL-I Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5256DFP-10VLL-I Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI LSIs
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5256DFP,VP,RV -10VLL-I,-12VLL-I,-15VLL-I,
-10VXL-I,-12VXL-I,-15VXL-I
'97.4.7
4
(2) READ CYCLE
(3) WRITE CYCLE
Symbol
Parameter
tCR
Read cycle time
Address access time
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
Limits
ta(S)
ta(OE)
tdis(S)
tdis(OE)
ten(S)
ten(OE)
tV(A)
ta(A)
-15VLL, VXL
AC ELECTRICAL CHARACTERISTICS (Ta = -40~85°C, Vcc=2.7~3.6V, unless otherwise noted )
(1) MEASUREMENT CONDITIONS
Chip select access time
Output enable access time
Output disable time after /S high
Output disable time after /OE high
Output enable time after /S low
Output enable time after /OE low
Data valid time after address
Max
Min
Input pulse level···················VIH=2.2V,VIL=0.4V
Input rise and fall time··········5ns
Reference level····················VOH=VOL=1.5V
Output loads·························Fig.1,CL=30pF (-10VLL,-10VXL )
CL=50pF (-12VLL,-12VXL )
CL=100pF (-15VLL,-15VXL )
CL=5pF (for ten,tdis)
Transition is measured ±500mV from steady
state voltage. (for ten,tdis)
120
10
10
10
Min
120
120
60
35
35
Max
100
10
10
10
Min
100
100
50
30
30
Max
-10VLL, VXL -12VLL, VXL
150
10
10
10
150
150
75
40
40
Symbol
Parameter
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Limits
Write cycle time
Write pulse width
Address setup time
Address setup time with respect to /W high
Chip select setup time
Data setup time
Data hold time
Write recovery time
Output disable time from /W low
Output disable time from /OE high
Output enable time from /W high
Output enable time from /OE low
Max
Min
-15VLL, VXL
-10VLL, VXL -12VLL, VXL
35
35
Max
120
80
0
90
90
45
0
0
10
10
Min
30
30
Max
100
70
0
80
80
40
0
0
10
10
Min
tCW
tw(W)
tsu(A)
tsu(A-WH)
tsu(S)
tsu(D)
th(D)
trec(W)
tdis(W)
tdis(OE)
ten(W)
ten(OE)
40
40
150
90
0
100
100
50
0
0
10
10
Fig.1 Output load
(Including
scope and JIG)
DQ
L
C
1TTL


Similar Part No. - M5M5256DFP-10VLL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5256DFP-10VLL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com