Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT070DDCFWD-NNA Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DDCFWD-NNA
Description  LCD Module User Manual
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DDCFWD-NNA Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT070DDCFWD-NNA Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TOPWAY
LCD Module User Manual
LMT070DDCFWD-NNA
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT070DDCFWD-NNA-Manual-Rev0.1
Page: 3 of 13
1. Applications
This Module is designed for portable DVD, GPS car TV & PMP(portable multimedia player)
application which require high quality flat panel displays. It is also a good substitute for many
outmoded CSTN module in the industrial application.
This product is composed of a TFT-LCD panel, driver ICs, FPC and LED backlight unit.
2. General Specification
Note:
*1. For saturated color display content (eg. pure-red, pure-green, pure-blue or pure-colors-combinations).
*2. For “color scales” display content.
*3. Color tone may slightly change by temperature and driving condition.
3. Block Diagram
Signal Interface :
Digital 24-bits RGB
Display Technology :
a-Si TFT active matrix
Display Mode :
TN Type Full Color / Transmissive / Normal White
Screen Size(Diagonal) :
7.0”
Outline Dimension :
164.9 x 100.0 x 5.7 (mm)
(see attached drawing for details)
Active Area :
154.08 x 85.92 (mm)
Number of dots :
800 x 3 (RGB) x 480
Pixel Pitch :
0.0642 x 0.179 (mm)
Pixel Configuration :
RGB Stripe
Backlight :
LED
Touch Panel Surface Treatment:
Anti-Glare
Touch Panel type:
4 wire Resistive
Surface Treatment :
Anti-Glare Treatment
Viewing Direction :
6 o’clock(Gray scale Inversion) (*1)
12 o’clock (*2)
Operating Temperature :
-20 ~ +70°C
Storage Temperature :
-30 ~ +80°C
DVDD, GND, AVDD
7’’ TFT Panel
DE, HS, V
S
DCLK
VGH, VGL
Source Driver
R0~R7, G0~G7, B0~B7
MODE
Touch Panel
XL, XR, YU, YD
Backlight Circuit
VLED+,VLED-
VCOM
DITHB


Similar Part No. - LMT070DDCFWD-NNA

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DDCFWD-NNA-2 TOPWAY-LMT070DDCFWD-NNA-2 Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DDCFWD-NNA-3 TOPWAY-LMT070DDCFWD-NNA-3 Datasheet
1Mb / 13P
   LCD Module User Manual
More results

Similar Description - LMT070DDCFWD-NNA

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com