Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT070DDCFWD-NNA Datasheet(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DDCFWD-NNA
Description  LCD Module User Manual
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DDCFWD-NNA Datasheet(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DDCFWD-NNA Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TOPWAY
LCD Module User Manual
LMT070DDCFWD-NNA
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT070DDCFWD-NNA-Manual-Rev0.1
Page: 8 of 13
7. AC Characteristics
7.1
Timing Characteristics
Item
Symbol
MIN.
TYP.
MAX.
Unit
Remark
HS setup time
Thst
8
-
-
ns
HS hold time
Thhd
8
-
-
ns
VS setup time
Tvst
8
-
-
ns
VS hold time
Tvhd
8
-
-
ns
Data setup time
Tdsu
8
-
-
ns
Data hole time
Tdhd
8
-
-
ns
DE setup time
Tesu
8
-
-
ns
DVDD Power On Slew rate
TPOR
-
-
20
ms
From 0 to 90%
DVDD
DCLK cycle time
Tcph
20
-
-
ns
DCLK pulse duty
Tcwh
40
50
60
%
Note: For the details of the timing, please see the Driver IC data sheet.
7.2
Input Clock and Data Timing Diagram
7.3
Timing


Similar Part No. - LMT070DDCFWD-NNA

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DDCFWD-NNA-2 TOPWAY-LMT070DDCFWD-NNA-2 Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DDCFWD-NNA-3 TOPWAY-LMT070DDCFWD-NNA-3 Datasheet
1Mb / 13P
   LCD Module User Manual
More results

Similar Description - LMT070DDCFWD-NNA

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com