Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT070DDCFWD-NNA Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DDCFWD-NNA
Description  LCD Module User Manual
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DDCFWD-NNA Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DDCFWD-NNA Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TOPWAY
LCD Module User Manual
LMT070DDCFWD-NNA
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT070DDCFWD-NNA-Manual-Rev0.1
Page: 6 of 13
6.2
Current Consumption
Items
Symbol
Min.
Typ.
Max.
Unit
Remark
Current for Driver
IGH
0.05
0.2
1.0
mA
VGH = 15.0V
IGL
0.2
0.5
1.0
mA
VGL = -10.0V
IDVDD
1
4.0
10
mA
DVDD=3.3V
IAVDD
5
20
50
mA
AVDD=10.4V
6.3
LED Backlight Circuit Characteristics
Top=25℃
Items
Symbol
MIN.
TYP.
MAX.
Unit
Note
Forward Voltage
VfBLA
9.0
9.6
10.5
V
If=100mA
Forward Current
IfBLA
-
100.0
-
mA
Cautions:
Exceeding the recommended driving current could cause substantial damage to the backlight and shorten its lifetime.
6.4
Touch Panel Characteristics
TOP =25°C
Items
Symbol
Min.
Typ.
Max.
Unit
Applicable Pin
Operating Force
Fop
100
-
160
g
-
Operating Voltage
Vop
-
-
7
V
-
Life Time
TL
-
1,000,000
-
times
-
X Resistance
XR
100
-
900
Y Resistance
YR
200
-
1200
Cautions:
Exceeding the recommended Condition could cause substantial damage to the touch panel and
shorten its life time.


Similar Part No. - LMT070DDCFWD-NNA

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DDCFWD-NNA-2 TOPWAY-LMT070DDCFWD-NNA-2 Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DDCFWD-NNA-3 TOPWAY-LMT070DDCFWD-NNA-3 Datasheet
1Mb / 13P
   LCD Module User Manual
More results

Similar Description - LMT070DDCFWD-NNA

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com