Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT070DDCFWD-NNA Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DDCFWD-NNA
Description  LCD Module User Manual
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DDCFWD-NNA Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT070DDCFWD-NNA Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DDCFWD-NNA Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TOPWAY
LCD Module User Manual
LMT070DDCFWD-NNA
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT070DDCFWD-NNA-Manual-Rev0.1
Page: 4 of 13
4. Terminal Function
4.1
TFT Input Terminal
Pin No.
Pin Name
I/O
Descriptions
1
VLED+
Power
Positive Backlight Power Supply
2
VLED+
3
VLED-
Power
Negative Backlight Power Supply
4
VLED-
5
GND
Power
Power GND (0V)
6
VCOM
Input
Common voltage
7
DVDD
Power
Power for Digital Circuit
8
MODE
Input
DE/SYNC mode select (*1)
9
DE
Input
Data input enable
10
VS
Input
Vertical Sync Input
11
HS
Input
Horizontal Sync Input
12
B7
Input
8bit Data for Blue
:
:
19
B0
20
G7
Input
8bit Data for Green
:
:
27
G0
28
R7
Input
8bit Data for Red
:
:
35
R0
36
GND
Power
Power GND (0V)
37
DCLK
Input
Sample clock(*2)
38
GND
Power
Power GND (0V)
39
L/R
Input
Left / right selection (*3)
40
U/D
Input
Up/down selection (*3)
41
VGH
Power
Gate ON Voltage
42
VGL
Power
Gate OFF Voltage
43
AVDD
Power
Power for Analog Circuit
44
RESET
Input
Global reset pin (*4)
45
NC
-
No connection
46
VCOM
Input
Common Voltage
47
DITHB
Input
Dithering function (*5)
48
GND
Power
Power GND (0V)
49
NC
-
No connection
50
NC
Note:
* 1: DE/SYNC mode select. Normally pull high.
When select DE mode, MODE=”1”, VS and HS must pull high.
When select SYNC mode, MODE= “0”, DE must be grounded.
* 2: Data shall be latched at the falling edge of DCLK.
* 3: Selection of scanning mode
Setting of scan control input
Scanning direction
U/D
L/R
GND
DVDD
Up to down, left to right
DVDD
GND
Down to up, right to left
GND
GND
Up to down, right to left
DVDD
DVDD
Down to up, left to right
*4: Global reset pin. Active low to enter reset state. Suggest to connect with an RC reset circuit for stability. Normally pull high.
*5: Dithering function enable control, normally pull high.
When DITHB=”1”,Disable internal dithering function,
When DITHB=”0”,Enable internal dithering function,


Similar Part No. - LMT070DDCFWD-NNA

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DDCFWD-NNA-2 TOPWAY-LMT070DDCFWD-NNA-2 Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DDCFWD-NNA-3 TOPWAY-LMT070DDCFWD-NNA-3 Datasheet
1Mb / 13P
   LCD Module User Manual
More results

Similar Description - LMT070DDCFWD-NNA

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com