Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1613488 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1613488
Description  Crimping stamp - SL-Z0011
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1613488 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1613488 Datasheet HTML 1Page - PHOENIX CONTACT 1613488 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1613488
08.10.2013   Page 1 / 2
Crimping stamp - SL-Z0011 - 1613488
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Crimping stamp
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
82079091
Country of origin
GERMANY
Technical data
Product type
Crimping tool
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260708
eCl@ss 7.0
27440312
eCl@ss 8.0
27440312
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC001121
ETIM 5.0
EC000168


Similar Part No. - 1613488

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1613489 PHOENIX-1613489 Datasheet
46Kb / 2P
Crimping stamp - SL-Z0012
More results

Similar Description - 1613488

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CF-3000-CDM-0 PHOENIX-CF-3000-CDM-0 Datasheet
43Kb / 2P
Replacement crimping stamp, for CF 3000-TOOLKIT 0,25 (0.25 to 0.75 mm짼)
SL-Z0011 PHOENIX-SL-Z0011 Datasheet
46Kb / 2P
Crimping stamp
SL-Z0012 PHOENIX-SL-Z0012 Datasheet
46Kb / 2P
Crimping stamp
SL-Z0013 PHOENIX-SL-Z0013 Datasheet
46Kb / 2P
Crimping stamp
SL-Z0014 PHOENIX-SL-Z0014 Datasheet
46Kb / 2P
Crimping stamp
SL-Z0015 PHOENIX-SL-Z0015 Datasheet
46Kb / 2P
Crimping stamp
1613489 PHOENIX-1613489 Datasheet
46Kb / 2P
Crimping stamp - SL-Z0012
1613490 PHOENIX-1613490 Datasheet
46Kb / 2P
Crimping stamp - SL-Z0013
1613491 PHOENIX-1613491 Datasheet
46Kb / 2P
Crimping stamp - SL-Z0014
1613492 PHOENIX-1613492 Datasheet
46Kb / 2P
Crimping stamp - SL-Z0015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com