Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K50U Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # K50U
Description  Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50U Datasheet(HTML) 3 Page - Banner Engineering Corp.

  K50U Datasheet HTML 1Page - Banner Engineering Corp. K50U Datasheet HTML 2Page - Banner Engineering Corp. K50U Datasheet HTML 3Page - Banner Engineering Corp. K50U Datasheet HTML 4Page - Banner Engineering Corp. K50U Datasheet HTML 5Page - Banner Engineering Corp. K50U Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Sensor Type
Model
USB Adapter Cable
GPS
GPS50M
Model BWA-HW-006: USB-to-RS-485 adapter cable AND a field-wireable M12/Euro-style
connector or connecter with pigtail OR
Model BWA-UCT-900: USB to RS-485 adapter cable AND a field-wireable M12/Euro-style
connector or connecter with pigtail
U-GAGE K50U Ultrasonic
K50UX1CRA
Model BWA-USB1WIRE-001: USB-to-RS-232 1-Wire adapter cable
K50UX2CRA
Model BWA-HW-006: USB-to-RS-485 adapter cable OR
Model BWA-UCT-900: USB to RS-485 adapter cable
K50UX1ARA
Model BWA-USB1WIRE-001: USB-to-RS-232 1-Wire adapter cable
K50UX2ARA
Model BWA-HW-006: USB-to-RS-485 adapter cable OR
Model BWA-UCT-900: USB to RS-485 adapter cable
Wiring
This sensor is designed to be plugged directly into compatible Nodes. The Node powers the sensor and periodically requests data
using the 1-wire serial interface. Refer to the Class I Division 2 control drawings (p/n
143086) for wiring specifications or limitations.
5-pin M12/Euro-style Connector (Male)
Pin
Wire Color
Sensor Connection
1
4
5
3
2
1
Brown
Power IN (+), 3.6 to 5.5 V dc
2
White
1-Wire serial device select (sinking input to sensing device)
3
Blue
Ground (-)
4
Black
Not used/reserved
5
Gray
1-Wire serial communications
Holding Registers
The temperature = (Modbus register value) ÷ 20. The distance (in) = (Modbus register value) ÷ 100.
Sensor Register
Output Type
I/O Range
Holding Register Representation
Min
Max
Min (Dec)
Max (Dec)
1
Distance (mm)
0
65535
0
65535
2
Temp °C
–1638.4
1638.3
–32768
32767
3
Temp °F
–1638.4
1638.3
–32768
32767
4
Distance (in)
0
655.35
0
65535
Distance readings below 250 mm (9.84 in) for model K50UX1CRA and below 75 mm (2.95 in) for model K50UX1ARA result in a
register value of 0. If no reflection is received because the target is too far away, the register value is an error value of 65535.
Specifications
Supply Voltage
3.6 to 5.5 V dc or 10 to 30 V dc
Current
Default sensing: 180 µA
Disabled sensing: 40 µA
Active comms: 3.3 mA
Construction
Housing: PBT polyester
Transducer: epoxy/ceramic composite
Indicators
Two LEDs
Connection
Integral 5-pin M12/Euro-style male quick disconnect
Sure Cross® U-GAGE K50U Ultrasonic Sensor
P/N 191599 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
3


Similar Part No. - K50U

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
K50UF VMI-K50UF Datasheet
40Kb / 1P
Spice Model
logo
New Jersey Semi-Conduct...
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
logo
Voltage Multipliers Inc...
K50UF VMI-K50UF Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
U-GAGE K50U Ultrasonic Sensor
More results

Similar Description - K50U

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
U-GAGE K50U Ultrasonic Sensor
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com