Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K50U Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # K50U
Description  Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50U Datasheet(HTML) 6 Page - Banner Engineering Corp.

  K50U Datasheet HTML 1Page - Banner Engineering Corp. K50U Datasheet HTML 2Page - Banner Engineering Corp. K50U Datasheet HTML 3Page - Banner Engineering Corp. K50U Datasheet HTML 4Page - Banner Engineering Corp. K50U Datasheet HTML 5Page - Banner Engineering Corp. K50U Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-Pin Threaded M12/Euro-Style Cordsets—Double Ended and Less Than 3 m Long
Model
Length
Style
Dimensions
Pinout
DEE2R-51D
0.31 m (1 ft)
Female Straight/
Male Straight
40 Typ.
ø 14.5
M12 x 1
44 Typ.
ø 14.5
M12 x 1
Male
1
4
5
3
2
Female
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Green/Yellow
DEE2R-53D
0.91 m (3 ft)
DEE2R-58D
2.44 m (8 ft)
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not
cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO
BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES
RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT,
STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously
manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the
product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will
void the product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at
any time. Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
Sure Cross® U-GAGE K50U Ultrasonic Sensor
© Banner Engineering Corp. All rights reserved


Similar Part No. - K50U

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
K50UF VMI-K50UF Datasheet
40Kb / 1P
Spice Model
logo
New Jersey Semi-Conduct...
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
logo
Voltage Multipliers Inc...
K50UF VMI-K50UF Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
U-GAGE K50U Ultrasonic Sensor
More results

Similar Description - K50U

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
U-GAGE K50U Ultrasonic Sensor
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com