Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K50U Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # K50U
Description  Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50U Datasheet(HTML) 5 Page - Banner Engineering Corp.

  K50U Datasheet HTML 1Page - Banner Engineering Corp. K50U Datasheet HTML 2Page - Banner Engineering Corp. K50U Datasheet HTML 3Page - Banner Engineering Corp. K50U Datasheet HTML 4Page - Banner Engineering Corp. K50U Datasheet HTML 5Page - Banner Engineering Corp. K50U Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Performance Curves
1 Meter Models
With Plate Target (Typical)
With Rod Target (Typical)
Maximum Target Rotation Angle
0
0
200 mm
(8.0 in)
400 mm
(16.0 in)
600 mm
(24.0 in)
800 mm
(32.0 in)
1000 mm
(40.0 in)
50
50
100
100
150
150
200
200
0
2.0 in
2.0 in
4.0 in
4.0 in
6.0 in
6.0 in
8.0 in
8.0 in
DISTANCE
100 x 100 mm
10 x 10 mm
0
50
50
100
100
150
150
200
200
0
200 mm
(8.0 in)
400 mm
(16.0 in)
600 mm
(24.0 in)
800 mm
(32.0 in)
1000 mm
(40.0 in)
0
2.0 in
2.0 in
4.0 in
4.0 in
6.0 in
6.0 in
8.0 in
8.0 in
25 mm Rod
10 mm Rod
DISTANCE
20
30
10
0
0
500 mm
(20.0")
1000 mm
(40.0")
1500 mm
(60.0")
2000 mm
(80.0")
2500 mm
(100.0")
3000 mm
(120.0")
Target Rotation
(Degrees)
Distance
10
20
30
3 Meter Models
With Plate Target (Typical)
With Rod Target (Typical)
Maximum Target Rotation Angle
400 mm
300 mm
200 mm
100 mm
0
0
600 mm
(24")
1200 mm
(48")
1800 mm
(72")
2400 mm
(96")
3000 mm
(120")
100 mm
200 mm
300 mm
400 mm
16"
12"
8"
4"
0
4"
8"
12"
16"
DISTANCE
100 x 100 mm
400 mm
300 mm
200 mm
100 mm
0
0
600 mm
(24")
1200 mm
(48")
1800 mm
(72")
2400 mm
(96")
3000 mm
(120")
DISTANCE
100 mm
200 mm
300 mm
400 mm
16"
12"
8"
4"
0
4"
8"
12"
16"
25 mm Rod
10 mm Rod
20
30
10
0
0
500 mm
(20")
1000 mm
(40")
1500 mm
(60")
2000 mm
(80")
2500 mm
(100")
3000 mm
(120")
DISTANCE
10
20
30
Accessories
Brackets
BWA-BK-004
Mounts both the K50U
Ultrasonic sensor and a
Wireless Q45U Node or
DX80 Node
81
54
181
Ø30
BWA-BK-006
Mounts both the K50U
Ultrasonic sensor and a
Wireless Q45U Node
64
54
97
Ø33.5
4X Ø5.2
4X Ø6
Euro-Style Cordsets - Double Ended
When using the FlexPower Node with integrated battery, use a double ended cordset. When using a FlexPower Node with external
power supply, use a single ended cordset. If using the communication lines, the cable length cannot exceed 3 meters (10 ft).
Sure Cross® U-GAGE K50U Ultrasonic Sensor
P/N 191599 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
5


Similar Part No. - K50U

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
K50UF VMI-K50UF Datasheet
40Kb / 1P
Spice Model
logo
New Jersey Semi-Conduct...
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
logo
Voltage Multipliers Inc...
K50UF VMI-K50UF Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
U-GAGE K50U Ultrasonic Sensor
More results

Similar Description - K50U

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
U-GAGE K50U Ultrasonic Sensor
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com